Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 108 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 104Page - ATMEL Corporation PCIF1 Datasheet HTML 105Page - ATMEL Corporation PCIF1 Datasheet HTML 106Page - ATMEL Corporation PCIF1 Datasheet HTML 107Page - ATMEL Corporation PCIF1 Datasheet HTML 108Page - ATMEL Corporation PCIF1 Datasheet HTML 109Page - ATMEL Corporation PCIF1 Datasheet HTML 110Page - ATMEL Corporation PCIF1 Datasheet HTML 111Page - ATMEL Corporation PCIF1 Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 294 page
background image
108
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
10.11.5
Timer/Counter0 Interrupt Mask Register – TIMSK0
• Bit 7:2 – Res: Reserved Bits
These bits are reserved in the Atmel® AVR® and will always read as zero.
• Bit 1 – OCIE0A: Timer/Counter0 Output Compare Match A Interrupt Enable
When the OCIE0A bit is written to one and the I-bit in the Status Register is set (one), the
Timer/Counter0 Compare Match A interrupt is enabled. The corresponding interrupt is exe-
cuted if a compare match in Timer/Counter0 occurs, i.e., when the OCF0A bit is set in the
Timer/Counter0 Interrupt Flag Register – TIFR0.
• Bit 0 – TOIE0: Timer/Counter0 Overflow Interrupt Enable
When the TOIE0 bit is written to one and the I-bit in the Status Register is set (one), the
Timer/Counter0 Overflow interrupt is enabled. The corresponding interrupt is executed if an
overflow in Timer/Counter0 occurs, i.e., when the TOV0 bit is set in the Timer/Counter0 Inter-
rupt Flag Register – TIFR0.
10.11.6
Timer/Counter0 Interrupt Flag Register – TIFR0
• Bit 7:2 – Res: Reserved Bits
These bits are reserved in the Atmel AVR and will always read as zero.
• Bit 1 – OCF0A: Output Compare Flag 0 A
The OCF0A bit is set (one) when a compare match occurs between the Timer/Counter0 and
the data in OCR0A – Output Compare Register0. OCF0A is cleared by hardware when exe-
cuting the corresponding interrupt handling vector. Alternatively, OCF0A is cleared by writing a
logic one to the flag. When the I-bit in SREG, OCIE0 (Timer/Counter0 Compare match Inter-
rupt Enable), and OCF0A are set (one), the Timer/Counter0 Compare match Interrupt is
executed.
• Bit 0 – TOV0: Timer/Counter0 Overflow Flag
The TOV0 bit is set (one) when an overflow occurs in Timer/Counter0. TOV0 is cleared by
hardware when executing the corresponding interrupt handling vector. Alternatively, TOV0 is
cleared by writing a logic one to the flag. When the SREG I-bit, TOIE0A (Timer/Counter0
Overflow Interrupt Enable), and TOV0 are set (one), the Timer/Counter0 Overflow interrupt is
executed. In PWM mode, this bit is set when Timer/Counter0 changes counting direction at
0x00.
Bit
7
65432
1
0
–
–
––––
OCIE0ATOIE0
TIMSK0
Read/Write
R
R
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7654
3210
––––
––
OCF0ATOV0
TIFR0
Read/Write
R
R
R
R
R
R
R/W
R/W
Initial Value
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com