Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 111 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 107Page - ATMEL Corporation PCIF1 Datasheet HTML 108Page - ATMEL Corporation PCIF1 Datasheet HTML 109Page - ATMEL Corporation PCIF1 Datasheet HTML 110Page - ATMEL Corporation PCIF1 Datasheet HTML 111Page - ATMEL Corporation PCIF1 Datasheet HTML 112Page - ATMEL Corporation PCIF1 Datasheet HTML 113Page - ATMEL Corporation PCIF1 Datasheet HTML 114Page - ATMEL Corporation PCIF1 Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 294 page
background image
111
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
The synchronization and edge detector logic introduces a delay of 2.5 to 3.5 system clock
cycles from an edge has been applied to the T1 pin to the counter is updated.
Enabling and disabling of the clock input must be done when T1 has been stable for at least
one system clock cycle, otherwise it is a risk that a false Timer/Counter clock pulse is
generated.
Each half period of the external clock applied must be longer than one system clock cycle to
ensure correct sampling. The external clock must be guaranteed to have less than half the
system clock frequency (fExtClk <fclk_I/O/2) given a 50/50 % duty cycle. Since the edge detec-
tor uses sampling, the maximum frequency of an external clock it can detect is half the
sampling frequency (Nyquist sampling theorem). However, due to variation of the system
clock frequency and duty cycle caused by Oscillator source (crystal, resonator, and capaci-
tors) tolerances, it is recommended that maximum frequency of an external clock source is
less than fclk_I/O/2.5.
An external clock source can not be prescaled.
Figure 11-2. Prescaler for Timer/Counter1
(1)
Note:
1. The synchronization logic on the input pin (
T1) is shown in Figure 11-1.
10-BIT T/C PRESCALER
clk
Tn
TIMER/COUNTERn CLOCK SOURCE
0
CSn2
CSn0
CLKI/O
CSn1
PSRn
Tn
Clear
Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com