Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 114 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 110Page - ATMEL Corporation PCIF1 Datasheet HTML 111Page - ATMEL Corporation PCIF1 Datasheet HTML 112Page - ATMEL Corporation PCIF1 Datasheet HTML 113Page - ATMEL Corporation PCIF1 Datasheet HTML 114Page - ATMEL Corporation PCIF1 Datasheet HTML 115Page - ATMEL Corporation PCIF1 Datasheet HTML 116Page - ATMEL Corporation PCIF1 Datasheet HTML 117Page - ATMEL Corporation PCIF1 Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 294 page
background image
114
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Figure 12-1. 16-bit Timer/Counter1 Block Diagram(1)
Note:
1. Refer to Figure 1-1 on page 4, Table 9-6 on page 84, and Table 9-3 on page 79 for
Timer/Counter1 pin placement and description.
12.2.1
Registers
The Timer/Counter (TCNT1), Output Compare Registers (OCR1A/B), and Input Capture Reg-
ister (ICR1) are all 16-bit registers. Special procedures must be followed when accessing the
16-bit registers. These procedures are described in the section “Accessing 16-bit Registers”
on page 115. The Timer/Counter Control Registers (TCCR1A/B) are 8-bit registers and have
no CPU access restrictions. Interrupt requests (abbreviated to Int.Req. in the figure) signals
are all visible in the Timer Interrupt Flag Register (TIFR1). All interrupts are individually
masked with the Timer Interrupt Mask Register (TIMSK1). TIFR1 and TIMSK1 are not shown
in the figure.
ICFn (Int.Req.)
TOVn
(Int.Req.)
Clock Select
Timer/Counter
OCRnA
OCRnB
ICRn
=
=
TCNTn
Waveform
Generation
Waveform
Generation
OCnAU
OCnAV
OCnAW
OCnBU
OCnBV
OCnBW
Noise
Canceler
=
Fixed
TOP
Values
Edge
Detector
Control Logic
= 0
TOP
BOTTOM
Count
Clear
Direction
OCFnA
(Int.Req.)
OCFnB
(Int.Req.)
TCCRnA
TCCRnB
TCCRnC
ICPn
( From Analog Comparator Ouput )
Tn
Edge
Detector
( From Prescaler )
clk
Tn
OCnBX
OCnAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com