Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 172 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 168Page - ATMEL Corporation PCIF1 Datasheet HTML 169Page - ATMEL Corporation PCIF1 Datasheet HTML 170Page - ATMEL Corporation PCIF1 Datasheet HTML 171Page - ATMEL Corporation PCIF1 Datasheet HTML 172Page - ATMEL Corporation PCIF1 Datasheet HTML 173Page - ATMEL Corporation PCIF1 Datasheet HTML 174Page - ATMEL Corporation PCIF1 Datasheet HTML 175Page - ATMEL Corporation PCIF1 Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 294 page
background image
172
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
15.4.6.4
Handling Data of LIN response
A FIFO data buffer is used for data of the LIN response. After setting all parameters in the LIN-
SEL register, repeated accesses to the LINDAT register perform data read or data write (c.f.
“Data Management” on page 182).
Note that LRXDL[3..0] and LTXDL[3..0] are not linked to the data access.
15.4.7
UART Commands
Setting the LCMD[2] bit in LINENR register enables UART commands.
Tx Byte and Rx Byte services are independent as shown in Table 15-1 on page 170.
• Byte Transfer: the UART is selected but both Rx and Tx services are disabled,
• Rx Byte: only the Rx service is enable but Tx service is disabled,
• Tx Byte: only the Tx service is enable but Rx service is disabled,
• Full Duplex: the UART is selected and both Rx and Tx services are enabled.
This combination of services is controlled by the LCMD[1..0] bits of LINENR register (c.f. Fig-
ure 15-5 on page 169).
15.4.7.1
Data Handling
The FIFO used for LIN communication is disabled during UART accesses. LRXDL[3..0] and
LTXDL[3..0] values of LINDLR register are then irrelevant. LINDAT register is then used as
data register and LINSEL register is not relevant.
15.4.7.2
Rx Service
Once this service is enabled, the user is warned of an in-coming character by the LRXOK flag
of LINSIR register. Reading LINDAT register automatically clears the flag and makes free the
second stage of the buffer. If the user considers that the in-coming character is irrelevant with-
out reading it, he directly can clear the flag (see specific flag management described in
Section 15.6.2 on page 185).
The intrinsic structure of the Rx service offers a 2-byte buffer. The fist one is used for serial to
parallel conversion, the second one receives the result of the conversion. This second buffer
byte is reached reading LINDAT register. If the 2-byte buffer is full, a new in-coming character
will overwrite the second one already recorded. An OVRERR error in LINERR register will
then accompany this character when read.
A FERR error in LINERR register will be set in case of framing error.
15.4.7.3
Tx Service
If this service is enabled, the user sends a character by writing in LINDAT register. Automati-
cally the LTXOK flag of LINSIR register is cleared. It will rise at the end of the serial
transmission. If no new character has to be sent, LTXOK flag can be cleared separately (see
specific flag management described in Section 15.6.2 on page 185).
There is no transmit buffering.
No error is detected by this service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com