Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 173 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 169Page - ATMEL Corporation PCIF1 Datasheet HTML 170Page - ATMEL Corporation PCIF1 Datasheet HTML 171Page - ATMEL Corporation PCIF1 Datasheet HTML 172Page - ATMEL Corporation PCIF1 Datasheet HTML 173Page - ATMEL Corporation PCIF1 Datasheet HTML 174Page - ATMEL Corporation PCIF1 Datasheet HTML 175Page - ATMEL Corporation PCIF1 Datasheet HTML 176Page - ATMEL Corporation PCIF1 Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 294 page
background image
173
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
15.5
LIN / UART Description
15.5.1
Reset
The Atmel
® AVR® core reset logic signal also resets the LIN/UART controller. Another form of
reset exists, a software reset controlled by LSWRES bit in LINCR register. This self-reset bit
performs a partial reset as shown in Table 15-2.
15.5.2
Clock
The I/O clock signal (clk
i/o) also clocks the LIN/UART controller. It is its unique clock.
15.5.3
LIN Protocol Selection
LIN13 bit in LINCR register is used to select the LIN protocol:
• LIN13 = 0 (default): LIN 2.1 protocol,
• LIN13 = 1: LIN 1.3 protocol.
The controller checks the LIN13 bit in computing the checksum (enhanced checksum in
LIN2.1 / classic checksum in LIN 1.3).
This bit is irrelevant for UART commands.
Table 15-2.
Reset of LIN/UART Registers
Register
Name
Reset Value
LSWRES Value
Comment
LIN Control Reg.
LINCR
0000 0000
b
0000 0000
b
x=unknown
u=unchanged
LIN Status & Interrupt Reg.
LINSIR
0000 0000 b
0000 0000 b
LIN Enable Interrupt Reg.
LINENIR
0000 0000
b
xxxx 0000
b
LIN Error Reg.
LINERR
0000 0000
b
0000 0000
b
LIN Bit Timing Reg.
LINBTR
0010 0000 b
0010 0000 b
LIN Baud Rate Reg. Low
LINBRRL
0000 0000
b
uuuu uuuu
b
LIN Baud Rate Reg. High
LINBRRH
0000 0000
b
xxxx uuuu
b
LIN Data Length Reg.
LINDLR
0000 0000 b
0000 0000 b
LIN Identifier Reg.
LINIDR
1000 0000
b
1000 0000
b
LIN Data Buffer Selection
LINSEL
0000 0000
b
xxxx 0000
b
LIN Data
LINDAT
0000 0000 b
0000 0000 b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com