Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 225 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 225 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 221Page - ATMEL Corporation PCIF1 Datasheet HTML 222Page - ATMEL Corporation PCIF1 Datasheet HTML 223Page - ATMEL Corporation PCIF1 Datasheet HTML 224Page - ATMEL Corporation PCIF1 Datasheet HTML 225Page - ATMEL Corporation PCIF1 Datasheet HTML 226Page - ATMEL Corporation PCIF1 Datasheet HTML 227Page - ATMEL Corporation PCIF1 Datasheet HTML 228Page - ATMEL Corporation PCIF1 Datasheet HTML 229Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 294 page
background image
225
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
19.2.2
Analog Compare Negative Input
It is possible to select an internal voltage reference to replace the negative input to the Analog
Comparator. The output of a 2-bit DAC using the Internal Voltage Reference of the DAC is
available when ACIRS bit of ACSR register is set. The voltage reference division factor is
done by ACIR[1..0] of ADCSRB register.
If ACIRS is cleared, AIN0 pin is applied to the negative input to the Analog Comparator.
Table 19-2.
Analog Comparator Positive Input
ACME
ADEN
MUX[4..0]
Analog Comparator Positive Input - Comment
0
x
x xxxx b
AIN1
ADC
Switched On
x
1
x xxxx
b
AIN1
1
0
0 0000 b
ADC0
ADC
Switched Off.
1
0
0 0001
b
ADC1
1
0
0 0010
b
ADC2
1
0
0 0011 b
ADC3 / ISRC
1
0
0 0100
b
ADC4
1
0
0 0101
b
ADC5
1
0
0 0110 b
ADC6
1
0
0 0111
b
ADC7
1
0
0 1000
b
ADC8
1
0
0 1001 b
ADC9
1
0
0 1010
b
ADC10
1
0
Other
This doesn’t make sense - Don’t use.
Table 19-3.
Analog Comparator Negative Input
ACIRS
ACIR[1..0]
REFS[1..0] Analog Comparator Negative Input - Comment
0x
x
AIN0
1x
0 0
b
0 1 b
1 0 b
Reserved
10 0 b
1 1 b
2.56V - using Internal 2.56V Voltage Reference
10 1 b
1 1 b
1.28V (1/2 of 2.56V) - using Internal 2.56V Voltage Reference
11 0 b
1 1 b
0.64V (1/4 of 2.56V - using Internal 2.56V Voltage Reference
11 1 b
1 1 b
0.32V (1/8 of 2.56V) - using Internal 2.56V Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com