Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 229 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 229 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 225Page - ATMEL Corporation PCIF1 Datasheet HTML 226Page - ATMEL Corporation PCIF1 Datasheet HTML 227Page - ATMEL Corporation PCIF1 Datasheet HTML 228Page - ATMEL Corporation PCIF1 Datasheet HTML 229Page - ATMEL Corporation PCIF1 Datasheet HTML 230Page - ATMEL Corporation PCIF1 Datasheet HTML 231Page - ATMEL Corporation PCIF1 Datasheet HTML 232Page - ATMEL Corporation PCIF1 Datasheet HTML 233Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 294 page
background image
229
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
21.1.3
Performing a Page Write
To execute Page Write, set up the address in the Z-pointer, write “00000101
b” to SPMCSR
and execute SPM within four clock cycles after writing SPMCSR. The data in R1 and R0 is
ignored. The page address must be written to PCPAGE. Other bits in the Z-pointer must be
written to zero during this operation.
• The CPU is halted during the Page Write operation.
21.2
Addressing the Flash During Self-Programming
The Z-pointer is used to address the SPM commands. The Z pointer consists of the Z-regis-
ters ZL and ZH in the register file. The number of bits actually used is implementation
dependent.
Since the Flash is organized in pages (see Table 22-7 on page 239), the Program Counter can
be treated as having two different sections. One section, consisting of the least significant bits,
is addressing the words within a page, while the most significant bits are addressing the
pages. This is shown in Figure 21-1.
Note that the Page Erase and Page Write operations are addressed independently. Therefore
it is of major importance that the software addresses the same page in both the Page Erase
and Page Write operation.
The LPM instruction uses the Z-pointer to store the address. Since this instruction addresses
the Flash byte-by-byte, also the LSB (bit Z0) of the Z-pointer is used.
Figure 21-1. Addressing the Flash During SPM
(1)
Note:
1. The different variables used in Table 21-2 are listed in Table 22-7 on page 239.
Bit
15
141312
1110
9
8
Z15
Z14
Z13
Z12
Z11
Z10
Z9
Z8
ZH (R31)
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
ZL (R30)
Bit
7
65
43
2
1
0
PROGRAM MEMORY
0
1
15
Z - POINTER
BIT
0
ZPAGEMSB
WORD ADDRESS
WITHIN A PAGE
PAGE ADDRESS
WITHIN THE FLASH
ZPCMSB
INSTRUCTION WORD
PAGE
PCWORD[PAGEMSB:0]:
00
01
02
PAGEEND
PAGE
PCWORD
PCPAGE
PCMSB
PAGEMSB
PROGRAM COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com