Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 249 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 249 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 245Page - ATMEL Corporation PCIF1 Datasheet HTML 246Page - ATMEL Corporation PCIF1 Datasheet HTML 247Page - ATMEL Corporation PCIF1 Datasheet HTML 248Page - ATMEL Corporation PCIF1 Datasheet HTML 249Page - ATMEL Corporation PCIF1 Datasheet HTML 250Page - ATMEL Corporation PCIF1 Datasheet HTML 251Page - ATMEL Corporation PCIF1 Datasheet HTML 252Page - ATMEL Corporation PCIF1 Datasheet HTML 253Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 294 page
background image
249
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
22.7.15
Reading the Temperature Sensor Parameter Bytes
The algorithm for reading the Temperature Sensor parameter bytes is as follows (refer to “Pro-
gramming the Flash” on page 243 for details on Command and Address loading):
1.
A: Load Command “0000 1000
b”.
2.
B: Load Address Low Byte, 0x0003 or 0x0005.
3.
Set OE to “0”, and BS1 to “1”. The Temperature Sensor parameter byte can now be
read at DATA.
4.
Set OE to “1”.
22.8
Serial Downloading
Both the Flash and EEPROM memory arrays can be programmed using the serial SPI bus
while RESET is pulled to GND. The serial interface consists of pins SCK, MOSI (input) and
MISO (output). After RESET is set low, the Programming Enable instruction needs to be exe-
cuted first before program/erase operations can be executed.
Note:
In Table 22-13, the pin mapping for SPI programming is listed. Not all parts use the SPI pins
dedicated for the internal SPI interface.
Figure 22-7. Serial Programming and Verify
(Note:)
Note:
If the device is clocked by the internal Oscillator, it is no need to connect a clock source to the
XTAL1 pin
When programming the EEPROM, an auto-erase cycle is built into the self-timed program-
ming operation (in the Serial mode ONLY) and there is no need to first execute the Chip Erase
instruction. The Chip Erase operation turns the content of every memory location in both the
Program and EEPROM arrays into 0xFF.
Table 22-13. Pin Mapping Serial Programming
Symbol
Pin Name
I/O
Function
MOSI
PA4
I
Serial Data In
MISO
PA2
O
Serial Data Out
SCK
PA5
I
Serial Clock
Vcc
+2.7 - +5.5V
GND
PA4
PA2
PA5
MOSI
MISO
SCK
RESET / PB7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com