Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 250 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 250 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 246Page - ATMEL Corporation PCIF1 Datasheet HTML 247Page - ATMEL Corporation PCIF1 Datasheet HTML 248Page - ATMEL Corporation PCIF1 Datasheet HTML 249Page - ATMEL Corporation PCIF1 Datasheet HTML 250Page - ATMEL Corporation PCIF1 Datasheet HTML 251Page - ATMEL Corporation PCIF1 Datasheet HTML 252Page - ATMEL Corporation PCIF1 Datasheet HTML 253Page - ATMEL Corporation PCIF1 Datasheet HTML 254Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 294 page
background image
250
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Depending on CKSEL Fuses, a valid clock must be present. The minimum low and high peri-
ods for the serial clock (SCK) input are defined as follows:
Low: > 2 CPU clock cycles for fck < 12MHz, 3 CPU clock cycles for fck >= 12MHz
High: > 2 CPU clock cycles for fck < 12MHz, 3 CPU clock cycles for fck >= 12MHz
22.8.1
Serial Programming Algorithm
When writing serial data to the Atmel® AVR®, data is clocked on the rising edge of SCK.
When reading data from the Atmel AVR, data is clocked on the falling edge of SCK. See Fig-
ure 22-7 and Figure 22-8 for timing details.
To program and verify the Atmel AVR in the Serial Programming mode, the following
sequence is recommended (see four byte instruction formats in Table 22-15 on page 251):
1.
Power-up sequence:
Apply power between V
CC and GND while RESET and SCK are set to “0”. In some
systems, the programmer can not guarantee that SCK is held low during power-up. In
this case, RESET must be given a positive pulse of at least two CPU clock cycles
duration after SCK has been set to “0”.
2.
Wait for at least 20 ms and enable serial programming by sending the Programming
Enable serial instruction to pin MOSI.
3.
The serial programming instructions will not work if the communication is out of syn-
chronization. When in sync. the second byte (0x53), will echo back when issuing the
third byte of the Programming Enable instruction. Whether the echo is correct or not,
all four bytes of the instruction must be transmitted. If the 0x53 did not echo back,
give RESET a positive pulse and issue a new Programming Enable command.
4.
The Flash is programmed one page at a time. The memory page is loaded one byte
at a time by supplying the 5 LSB of the address and data together with the Load Pro-
gram memory Page instruction. To ensure correct loading of the page, the data low
byte must be loaded before data high byte is applied for a given address. The Pro-
gram memory Page is stored by loading the Write Program memory Page instruction
with the 6 MSB of the address. If polling (RDY/BSY) is not used, the user must wait at
least t
WD_FLASH before issuing the next page. (See Table 22-14) Accessing the serial
programming interface before the Flash write operation completes can result in incor-
rect programming.
5.
A: The EEPROM array is programmed one byte at a time by supplying the address
and data together with the appropriate Write instruction. An EEPROM memory loca-
tion is first automatically erased before new data is written. If polling (RDY/BSY) is not
used, the user must wait at least t
WD_EEPROM before issuing the next byte. (See Table
22-14) In a chip erased device, no 0xFFs in the data file(s) need to be programmed.
B: The EEPROM array is programmed one page at a time. The Memory page is
loaded one byte at a time by supplying the 2 LSB of the address and data together
with the Load EEPROM Memory Page instruction. The EEPROM Memory Page is
stored by loading the Write EEPROM Memory Page Instruction with the 6 MSB of the
address. When using EEPROM page access only byte locations loaded with the
Load EEPROM Memory Page instruction is altered. The remaining locations remain
unchanged. If polling (RDY/BSY) is not used, the used must wait at least t
WD_EEPROM
before issuing the next page (See Table 22-8). In a chip erased device, no 0xFF in
the data file(s) need to be programmed.
6.
Any memory location can be verified by using the Read instruction which returns the
content at the selected address at serial output MISO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com