Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 255 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 255 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 251Page - ATMEL Corporation PCIF1 Datasheet HTML 252Page - ATMEL Corporation PCIF1 Datasheet HTML 253Page - ATMEL Corporation PCIF1 Datasheet HTML 254Page - ATMEL Corporation PCIF1 Datasheet HTML 255Page - ATMEL Corporation PCIF1 Datasheet HTML 256Page - ATMEL Corporation PCIF1 Datasheet HTML 257Page - ATMEL Corporation PCIF1 Datasheet HTML 258Page - ATMEL Corporation PCIF1 Datasheet HTML 259Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 294 page
background image
255
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
23.2
DC Characteristics
T
A = –40°C to +85°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.(1)
Max.
Unit
VIL
Input Low Voltage
Except XTAL1 and RESET
pins
–0.5
0.2 Vcc(2)
V
V
IL1
XTAL1 pin - External Clock
Selected
–0.5
0.1 Vcc(2)
V
V
IL2
RESET pin
–0.5
0.2 Vcc(2)
V
V
IL3
RESET pin as I/O
–0.5
0.2 Vcc(2)
V
VIH
Input High Voltage
Except XTAL1 and RESET
pins
0.7 Vcc(3)
Vcc + 0.5
V
V
IH1
XTAL1 pin - External Clock
Selected
0.8 Vcc(3)
Vcc + 0.5
V
VIH2
RESET pin
0.9 Vcc(3)
Vcc + 0.5
V
VIH3
RESET pin as I/O
0.7 Vcc(3)
Vcc + 0.5
V
V
OL
Output Low Voltage(4)
(Ports A, B,)
IOL = 10mA, Vcc = 5V
I
OL = 5mA, Vcc = 3V
0.6
0.5
V
VOH
Output High Voltage(5)
(Ports A, B)
I
OH = –10mA, Vcc = 5V
I
OH = –5mA, Vcc = 3V
4.3
2.5
V
I
IL
Input Leakage
Current I/O Pin
Vcc = 5.5V, pin low
(absolute value)
< 0.05
1
µA
I
IH
Input Leakage
Current I/O Pin
Vcc = 5.5V, pin high
(absolute value)
< 0.05
1
µA
R
RST
Reset Pull-up Resistor
30
60
k
Ω
R
pu
I/O Pin Pull-up Resistor
20
50
k
Ω
Notes:
1. “Typ.”, typical values at 25°C. Maximum values are characterized values and not test limits in production.
2. “Max.” means the highest value where the pin is guaranteed to be read as low.
3. “Min.” means the lowest value where the pin is guaranteed to be read as high.
4. Although each I/O port can sink more than the test conditions (10mA at V
CC= 5V, 5mA at VCC = 3V) under steady state con-
ditions (non-transient), the following must be observed:
The sum of all IOL, for all ports, should not exceed 120mA.
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
5. Although each I/O port can source more than the test conditions (10mA at VCC = 5V, 5mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
The sum of all IOH, for all ports, should not exceed 120mA.
If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
6. Values using methods described in “Minimizing Power Consumption” on page 49. Power Reduction is enabled
(PRR = 0xFF) and there is no I/O drive.
7. BOD disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com