Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 256 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 256 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 252Page - ATMEL Corporation PCIF1 Datasheet HTML 253Page - ATMEL Corporation PCIF1 Datasheet HTML 254Page - ATMEL Corporation PCIF1 Datasheet HTML 255Page - ATMEL Corporation PCIF1 Datasheet HTML 256Page - ATMEL Corporation PCIF1 Datasheet HTML 257Page - ATMEL Corporation PCIF1 Datasheet HTML 258Page - ATMEL Corporation PCIF1 Datasheet HTML 259Page - ATMEL Corporation PCIF1 Datasheet HTML 260Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 294 page
background image
256
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
ICC
Power Supply Current(6)
Active Mode
(external clock)
16MHz, Vcc = 5V
10
13
mA
8MHz, Vcc = 5V
5.5
7.0
mA
8MHz, Vcc = 3V
2.8
3.5
mA
4MHz, Vcc = 3V
1.8
2.5
mA
Power Supply Current(6)
Idle Mode
(external clock)
16MHz, Vcc = 5V
3.5
5.0
mA
8MHz, Vcc = 5V
1.8
2.5
mA
8MHz, Vcc = 3V
1
1.5
mA
4MHz, Vcc = 3V
0.5
0.8
mA
Power Supply Current(7)
Power-down Mode
WDT enabled, Vcc = 5V
7
100
µA
WDT disabled, Vcc = 5V
0.18
70
µA
WDT enabled, Vcc = 3V
5
70
µA
WDT disabled, Vcc = 3V
0.15
45
µA
V
ACIO
Analog Comparator
Input Offset Voltage
Vcc = 5V
V
in = Vcc/2
–10
+10
+40
mV
IACLK
Analog Comparator
Input Leakage Current
Vcc = 5V
V
in = Vcc/2
–50
+50
nA
tACID
Analog Comparator
Propagation Delay Common
Mode Vcc/2
Vcc = 2.7V
170
ns
Vcc = 5.0V
180
ns
23.2
DC Characteristics (Continued)
TA = –40°C to +85°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.(1)
Max.
Unit
Notes:
1. “Typ.”, typical values at 25°C. Maximum values are characterized values and not test limits in production.
2. “Max.” means the highest value where the pin is guaranteed to be read as low.
3. “Min.” means the lowest value where the pin is guaranteed to be read as high.
4. Although each I/O port can sink more than the test conditions (10mA at V
CC= 5V, 5mA at VCC = 3V) under steady state con-
ditions (non-transient), the following must be observed:
The sum of all IOL, for all ports, should not exceed 120mA.
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
5. Although each I/O port can source more than the test conditions (10mA at VCC = 5V, 5mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
The sum of all IOH, for all ports, should not exceed 120mA.
If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
6. Values using methods described in “Minimizing Power Consumption” on page 49. Power Reduction is enabled
(PRR = 0xFF) and there is no I/O drive.
7. BOD disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com