Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 269 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 269 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 265Page - ATMEL Corporation PCIF1 Datasheet HTML 266Page - ATMEL Corporation PCIF1 Datasheet HTML 267Page - ATMEL Corporation PCIF1 Datasheet HTML 268Page - ATMEL Corporation PCIF1 Datasheet HTML 269Page - ATMEL Corporation PCIF1 Datasheet HTML 270Page - ATMEL Corporation PCIF1 Datasheet HTML 271Page - ATMEL Corporation PCIF1 Datasheet HTML 272Page - ATMEL Corporation PCIF1 Datasheet HTML 273Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 294 page
background image
269
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
24. Decoupling Capacitors
The operating frequency (i.e. system clock) of the processor determines in 95% of cases the
value needed for microcontroller decoupling capacitors.
The hypotheses used as first evaluation for decoupling capacitors are:
• The operating frequency (
fop) supplies itself the maximum peak levels of noise. The main
peaks are located at
fop and 2
• fop.
• An SMC capacitor connected to 2 micro-vias on a PCB has the following characteristics:
– 1.5 nH from the connection of the capacitor to the PCB,
– 1.5 nH from the capacitor intrinsic inductance.
Figure 24-1. Capacitor description
According to the operating frequency of the product, the decoupling capacitances are chosen
considering the frequencies to filter,
fop and 2
• fop.
The relation between frequencies to cut and decoupling characteristics are defined by:
and
where:
– L: the inductance equivalent to the global inductance on the V
CC/Gnd lines.
–C
1 & C2: decoupling capacitors (C1 = 4 • C2).
Then, in normalized value range, the decoupling capacitors become:
These decoupling capacitors must to be implemented as close as possible to each pair of
power supply pins:
– 16-17 for logic sub-system,
– 5-6 for analogical sub-system.
Nevertheless, a bulk capacitor of 10-47µF is also needed on the power distribution network of
the PCB, near the power source.
For further information, please refer to Application Notes Atmel
® AVR040 “EMC Design Con-
siderations“ and Atmel AVR042 “Hardware Design Considerations“ on the Atmel web site.
Table 24-1.
Decoupling Capacitors vs. Frequency
fop , operating frequency
C1
C2
16MHz
33nF
10nF
12MHz
56nF
15nF
10MHz
82nF
22nF
8MHz
120nF
33nF
6MHz
220nF
56nF
4MHz
560nF
120nF
PCB
Capacitor
1.5 nH
0.75 nH
0.75 nH
fop
1
2
Π LC
1
-----------------------
=
2
fop
•
1
2
Π LC
2
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com