Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 273 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 273 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 269Page - ATMEL Corporation PCIF1 Datasheet HTML 270Page - ATMEL Corporation PCIF1 Datasheet HTML 271Page - ATMEL Corporation PCIF1 Datasheet HTML 272Page - ATMEL Corporation PCIF1 Datasheet HTML 273Page - ATMEL Corporation PCIF1 Datasheet HTML 274Page - ATMEL Corporation PCIF1 Datasheet HTML 275Page - ATMEL Corporation PCIF1 Datasheet HTML 276Page - ATMEL Corporation PCIF1 Datasheet HTML 277Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 294 page
background image
273
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Figure 25-6. Idle Supply Current vs. V
CC (Internal RC Oscillator, 8MHz)
Figure 25-7. Idle Supply Current vs. V
CC (Internal RC Oscillator, 128kHz)
IDLE SUPPLY CURRENT vs. VCC
INTERNAL RC OSCILLATOR 8MHz
0
0.5
1
1.5
2
2.5
3
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V
CC (V )
150
125
85
25
-40
IDLE SUPPLY CURRENT vs. VCC
INTERNAL RC OSCILLATOR 125 KHz
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
1.52
2.53
3.5
4
4.55
5.5
V
CC (V )
150
125
85
25
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com