Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 283 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 283 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 279Page - ATMEL Corporation PCIF1 Datasheet HTML 280Page - ATMEL Corporation PCIF1 Datasheet HTML 281Page - ATMEL Corporation PCIF1 Datasheet HTML 282Page - ATMEL Corporation PCIF1 Datasheet HTML 283Page - ATMEL Corporation PCIF1 Datasheet HTML 284Page - ATMEL Corporation PCIF1 Datasheet HTML 285Page - ATMEL Corporation PCIF1 Datasheet HTML 286Page - ATMEL Corporation PCIF1 Datasheet HTML 287Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 294 page
background image
283
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
(0xD1)
LINSEL
–
–
–
–
/LAINC
LINDX2
LINDX1
LINDX0
page 189
(0xD0)
LINIDR
LP1
LP0
LID5 / LDL1
LID4 / LDL0
LID3
LID2
LID1
LID0
page 189
(0xCF)
LINDLR
LTXDL3
LTXDL2
LTXDL1
LTXDL0
LRXDL3
LRXDL2
LRXDL1
LRXDL0
page 188
(0xCE)
LINBRRH
–
–
–
–
LDIV11
LDIV10
LDIV9
LDIV8
page 188
(0xCD)
LINBRRL
LDIV7
LDIV6
LDIV5
LDIV4
LDIV3
LDIV2
LDIV1
LDIV0
page 188
(0xCC)
LINBTR
LDISR
–
LBT5
LBT4
LBT3
LBT2
LBT1
LBT0
page 187
(0xCB)
LINERR
LABORT
LTOERR
LOVERR
LFERR
LSERR
LPERR
LCERR
LBERR
page 186
(0xCA)
LINENIR
–
–
–
–
LENERR
LENIDOK
LENTXOK
LENRXOK
page 186
(0xC9)
LINSIR
LIDST2
LIDST1
LIDST0
LBUSY
LERR
LIDOK
LTXOK
LRXOK
page 185
(0xC8)
LINCR
LSWRES
LIN13
LCONF1
LCONF0
LENA
LCMD2
LCMD1
LCMD0
page 184
(0xC7)
Reserved
(0xC6)
Reserved
(0xC5)
Reserved
(0xC4)
Reserved
(0xC3)
Reserved
(0xC2)
Reserved
(0xC1)
Reserved
(0xC0)
Reserved
(0xBF)
Reserved
(0xBE)
Reserved
(0xBD)
Reserved
(0xBC)
USIPP
USIPOS
page 164
(0xBB)
USIBR
USIB7
USIB6
USIB5
USIB4
USIB3
USIB2
USIB1
USIB0
page 160
(0xBA)
USIDR
USID7
USID6
USID5
USID4
USID3
USID2
USID1
USID0
page 159
(0xB9)
USISR
USISIF
USIOIF
USIPF
USIDC
USICNT3
USICNT2
USICNT1
USICNT0
page 160
(0xB8)
USICR
USISIE
USIOIE
USIWM1
USIWM0
USICS1
USICS0
USICLK
USITC
page 161
(0xB7)
Reserved
(0xB6)
ASSR
–
EXCLK
AS0
TCN0UB
OCR0AUB
–
TCR0AUB
TCR0BUB
page 106
(0xB5)
Reserved
(0xB4)
Reserved
(0xB3)
Reserved
(0xB2)
Reserved
(0xB1)
Reserved
(0xB0)
Reserved
(0xAF)
Reserved
(0xAE)
Reserved
(0xAD)
Reserved
(0xAC)
Reserved
(0xAB)
Reserved
(0xAA)
Reserved
(0xA9)
Reserved
(0xA8)
Reserved
(0xA7)
Reserved
(0xA6)
Reserved
(0xA5)
Reserved
(0xA4)
Reserved
(0xA3)
Reserved
(0xA2)
Reserved
26. Register Summary (Continued)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
Notes:
1. Address bits exceeding EEAMSB (Table 22-8 on page 239) are don’t care.
2. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
3. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these
registers, the value of single bits can be checked by using the SBIS and SBIC instructions.
4. Some of the status flags are cleared by writing a logical one to them. Note that, unlike most other Atmel® AVR®s, the CBI
and SBI instructions will only operate on the specified bit, and can therefore be used on registers containing such status
flags. The CBI and SBI instructions work with registers 0x00 to 0x1F only.
5. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be used. When addressing I/O
Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The Atmel AVR is a com-
plex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for the IN
and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and LD/LDS/LDD
instructions can be used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com