Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 285 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 285 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 281Page - ATMEL Corporation PCIF1 Datasheet HTML 282Page - ATMEL Corporation PCIF1 Datasheet HTML 283Page - ATMEL Corporation PCIF1 Datasheet HTML 284Page - ATMEL Corporation PCIF1 Datasheet HTML 285Page - ATMEL Corporation PCIF1 Datasheet HTML 286Page - ATMEL Corporation PCIF1 Datasheet HTML 287Page - ATMEL Corporation PCIF1 Datasheet HTML 288Page - ATMEL Corporation PCIF1 Datasheet HTML 289Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 294 page
background image
285
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
(0x71)
Reserved
(0x70)
Reserved
(0x6F)
TIMSK1
–
–ICIE1
–
–
OCIE1B
OCIE1A
TOIE1
page 141
(0x6E)
TIMSK0
–
–
–
–
–
–
OCIE0A
TOIE0
page 108
(0x6D)
Reserved
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
page 68
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
page 69
(0x6A)
Reserved
(0x69)
EICRA
–
–
–
–ISC11
ISC10
ISC01
ISC00
page 66
(0x68)
PCICR
–
–
–
–
–
–
PCIE1
PCIE0
page 67
(0x67)
Reserved
(0x66)
OSCCAL
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
page 41
(0x65)
Reserved
(0x64)
PRR
–
–
PRLIN
PRSPI
PRTIM1
PRTIM0
PRUSI
PRADC
page 51
(0x63)
CLKSELR
–
COUT
CSUT1
CSUT0
CSEL3
CSEL2
CSEL1
CSEL0
page 44
(0x62)
CLKCSR
CLKCCE
–
–
CLKRDY
CLKC3
CLKC2
CLKC1
CLKC0
page 42
(0x61)
CLKPR
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
page 42
(0x60)
WDTCR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
page 61
0x3F (0x5F)
SREG
IT
H
S
V
N
Z
C
page 13
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
page 15
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
page 15
0x3C (0x5C)
Reserved
0x3B (0x5B)
Reserved
0x3A (0x5A)
Reserved
0x39 (0x59)
Reserved
0x38 (0x58)
Reserved
0x37 (0x57)
SPMCSR
–
RWWSB
SIGRD
CTPB
RFLB
PGWRT
PGERS
SPMEN
page 230
0x36 (0x56)
Reserved
–
–
–
–
–
–
–
–
0x35 (0x55)
MCUCR
–BODS
BODSE
PUD
–
–
–
–
page 50, page 78
0x34 (0x54)
MCUSR
–
–
–
–
WDRF
BORF
EXTRF
PORF
page 56
0x33 (0x53)
SMCR
–
–
–
–
–SM1
SM0
SE
page 50
0x32 (0x52)
Reserved
0x31 (0x51)
DWDR
DWDR7
DWDR6
DWDR5
DWDR4
DWDR3
DWDR2
DWDR1
DWDR0
page 227
0x30 (0x50)
ACSR
ACD
ACIRS
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
page 223
0x2F (0x4F)
Reserved
0x2E (0x4E)
SPDR
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
page 150
0x2D (0x4D)
SPSR
SPIF
WCOL
–
–
–
–
–SPI2X
page 150
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
page 148
0x2B (0x4B)
GPIOR2
GPIOR27
GPIOR26
GPIOR25
GPIOR24
GPIOR23
GPIOR22
GPIOR21
GPIOR20
page 27
0x2A (0x4A)
GPIOR1
GPIOR17
GPIOR16
GPIOR15
GPIOR14
GPIOR13
GPIOR12
GPIOR11
GPIOR10
page 27
0x29 (0x49)
Reserved
0x28 (0x48)
OCR0A
OCR0A7
OCR0A6
OCR0A5
OCR0A4
OCR0A3
OCR0A2
OCR0A1
OCR0A0
page 106
0x27 (0x47)
TCNT0
TCNT07
TCNT06
TCNT05
TCNT04
TCNT03
TCNT02
TCNT01
TCNT00
page 106
0x26 (0x46)
TCCR0B
FOC0A
–
–
–
–
CS02
CS01
CS00
page 105
0x25 (0x45)
TCCR0A
COM0A1
COM0A0
–
–
–
–WGM01
WGM00
page 103
0x24 (0x44)
Reserved
0x23 (0x43)
GTCCR
TSM
–
–
–
–
–
PSR0
PSR1
page 109, page 112
0x22 (0x42)
EEARH(1)
–
–
–
–
–
–
–EEAR8
page 25
26. Register Summary (Continued)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
Notes:
1. Address bits exceeding EEAMSB (Table 22-8 on page 239) are don’t care.
2. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
3. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these
registers, the value of single bits can be checked by using the SBIS and SBIC instructions.
4. Some of the status flags are cleared by writing a logical one to them. Note that, unlike most other Atmel® AVR®s, the CBI
and SBI instructions will only operate on the specified bit, and can therefore be used on registers containing such status
flags. The CBI and SBI instructions work with registers 0x00 to 0x1F only.
5. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be used. When addressing I/O
Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The Atmel AVR is a com-
plex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for the IN
and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and LD/LDS/LDD
instructions can be used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com