Electronic Components Datasheet Search
  English  ▼

X  

AD5338ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD5338ARM
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338ARM Datasheet(HTML) 1 Page - Analog Devices

  AD5338ARM Datasheet HTML 1Page - Analog Devices AD5338ARM Datasheet HTML 2Page - Analog Devices AD5338ARM Datasheet HTML 3Page - Analog Devices AD5338ARM Datasheet HTML 4Page - Analog Devices AD5338ARM Datasheet HTML 5Page - Analog Devices AD5338ARM Datasheet HTML 6Page - Analog Devices AD5338ARM Datasheet HTML 7Page - Analog Devices AD5338ARM Datasheet HTML 8Page - Analog Devices AD5338ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2.5 V to 5.5 V, 250 μA, 2-Wire Interface,
Dual Voltage Output, 8-/10-/12-Bit DACs
AD5337/AD5338/AD5339
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2007 Analog Devices, Inc. All rights reserved.
FEATURES
AD5337
2 buffered 8-bit DACs in 8-lead MSOP
AD5338, AD5338-1
2 buffered 10-bit DACs in 8-lead MSOP
AD5339
2 buffered 12-bit DACs in 8-lead MSOP
Low power operation: 250 μA @ 3 V, 300 μA @ 5 V
2-wire (I2C-compatible) serial interface
2.5 V to 5.5 V power supply
Guaranteed monotonic by design over all codes
Power-down to 80 nA @ 3 V, 200 nA @ 5 V
3 power-down modes
Double-buffered input logic
Output range: 0 V to VREF
Power-on reset to 0 V
Simultaneous update of outputs (LDAC function)
Software clear facility
Data readback facility
On-chip rail-to-rail output buffer amplifiers
Temperature range: −40°C to +105°C
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
Industrial process control
GENERAL DESCRIPTION
The AD5337/AD5338/AD5339 are dual 8-, 10-, and 12-bit
buffered voltage output DACs, respectively. Each part is housed
in an 8-lead MSOP package and operates from a single 2.5 V to
5.5 V supply, consuming 250 μA at 3 V. On-chip output amplifiers
allow rail-to-rail output swing with a slew rate of 0.7 V/μs. A 2-
wire serial interface operates at clock rates up to 400 kHz. This
interface is SMBus compatible at VDD < 3.6 V. Multiple devices
can be placed on the same bus.
The references for the two DACs are derived from one reference
pin. The outputs of all DACs can be updated simultaneously
using the software LDAC function. The parts incorporate a
power-on reset circuit to ensure that the DAC outputs power up
to 0 V and remain there until a valid write to the device takes
place. A software clear function resets all input and DAC
registers to 0 V. A power-down feature reduces the current
consumption of the devices to 200 nA @ 5 V (80 nA @ 3 V).
The low power consumption of these parts in normal operation
makes them ideally suited to portable battery-operated equip-
ment. The power consumption is typically 1.5 mW at 5 V and
0.75 mW at 3 V, reducing to 1 μW in power-down mode.
FUNCTIONAL BLOCK DIAGRAM
SCL
BUFFER
BUFFER
LDAC
A0
SDA
GND
INTERFACE
LOGIC
INPUT
REGISTER
INPUT
REGISTER
DAC
REGISTER
DAC
REGISTER
STRING
DAC A
STRING
DAC B
VOUTA
VOUTB
POWER-DOWN
LOGIC
AD5337/AD5338/AD5339
POWER-ON
RESET
REFIN
VDD
Figure 1.


Similar Part No. - AD5338ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5338ARM AD-AD5338ARM Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
AD5338ARM-REEL7 AD-AD5338ARM-REEL7 Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
AD5338ARMZ-1 AD-AD5338ARMZ-1 Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
AD5338ARMZ-1REEL7 AD-AD5338ARMZ-1REEL7 Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
More results

Similar Description - AD5338ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
AD5337 AD-AD5337 Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5317BRU AD-AD5317BRU Datasheet
585Kb / 28P
2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
AD5305 AD-AD5305_06 Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
AD5342BRUZ AD-AD5342BRUZ Datasheet
327Kb / 20P
2.5 V to 5.5 V, 230 muA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5337 AD-AD5337_15 Datasheet
593Kb / 28P
2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5338 AD-AD5338_15 Datasheet
593Kb / 28P
2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5339 AD-AD5339_15 Datasheet
593Kb / 28P
2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com