Electronic Components Datasheet Search
  English  ▼

X  

AD5338ARM Datasheet(PDF) 24 Page - Analog Devices

Part # AD5338ARM
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338ARM Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5338ARM Datasheet HTML 20Page - Analog Devices AD5338ARM Datasheet HTML 21Page - Analog Devices AD5338ARM Datasheet HTML 22Page - Analog Devices AD5338ARM Datasheet HTML 23Page - Analog Devices AD5338ARM Datasheet HTML 24Page - Analog Devices AD5338ARM Datasheet HTML 25Page - Analog Devices AD5338ARM Datasheet HTML 26Page - Analog Devices AD5338ARM Datasheet HTML 27Page - Analog Devices AD5338ARM Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 24 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.60
0.40
8°
0°
4
8
1
5
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.08
3.20
3.00
2.80
5.15
4.90
4.65
0.15
0.00
0.95
0.85
0.75
Figure 41. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD5337ARM
−40°C to +105°C
8-Lead MSOP
RM-8
D23
AD5337ARM-REEL7
−40°C to +105°C
8-Lead MSOP
RM-8
D23
AD5337ARMZ1
−40°C to +105°C
8-Lead MSOP
RM-8
D23#
AD5337ARMZ-REEL71
−40°C to +105°C
8-Lead MSOP
RM-8
D23#
AD5337BRM-REEL
−40°C to +105°C
8-Lead MSOP
RM-8
D20
AD5337BRM-REEL7
−40°C to +105°C
8-Lead MSOP
RM-8
D20
AD5337BRMZ1
−40°C to +105°C
8-Lead MSOP
RM-8
D20#
AD5337BRMZ-REEL1
−40°C to +105°C
8-Lead MSOP
RM-8
D20#
AD5337BRMZ-REEL71
−40°C to +105°C
8-Lead MSOP
RM-8
D20#
AD5338ARM
−40°C to +105°C
8-Lead MSOP
RM-8
D24
AD5338ARMZ1
−40°C to +105°C
8-Lead MSOP
RM-8
D5F
AD5338ARMZ-REEL71
−40°C to +105°C
8-Lead MSOP
RM-8
D5F
AD5338ARMZ-11
−40°C to +105°C
8-Lead MSOP
RM-8
D57
AD5338ARMZ-1REEL71
−40°C to +105°C
8-Lead MSOP
RM-8
D57
AD5338BRM
−40°C to +105°C
8-Lead MSOP
RM-8
D21
AD5338BRM-REEL
−40°C to +105°C
8-Lead MSOP
RM-8
D21
AD5338BRM-REEL7
−40°C to +105°C
8-Lead MSOP
RM-8
D21
AD5338BRMZ1
−40°C to +105°C
8-Lead MSOP
RM-8
D5H
AD5338BRMZ-11
−40°C to +105°C
8-Lead MSOP
RM-8
D58
AD5338BRMZ-1REEL71
−40°C to +105°C
8-Lead MSOP
RM-8
D58
AD5339ARM
−40°C to +105°C
8-Lead MSOP
RM-8
D25
AD5339ARMZ1
−40°C to +105°C
8-Lead MSOP
RM-8
D6P
AD5339ARMZ-REEL71
−40°C to +105°C
8-Lead MSOP
RM-8
D6P
AD5339BRM
−40°C to +105°C
8-Lead MSOP
RM-8
D22
AD5339BRM-REEL
−40°C to +105°C
8-Lead MSOP
RM-8
D22
AD5339BRM-REEL7
−40°C to +105°C
8-Lead MSOP
RM-8
D22
AD5339BRMZ1
−40°C to +105°C
8-Lead MSOP
RM-8
D6R
AD5339BRMZ-REEL1
−40°C to +105°C
8-Lead MSOP
RM-8
D6R
AD5339BRMZ-REEL71
−40°C to +105°C
8-Lead MSOP
RM-8
D6R
1 Z = RoHS Compliant Part. # denotes lead-free product may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com