Electronic Components Datasheet Search
  English  ▼

X  

AD7660 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7660
Description  16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7660 Datasheet HTML 7Page - Analog Devices AD7660 Datasheet HTML 8Page - Analog Devices AD7660 Datasheet HTML 9Page - Analog Devices AD7660 Datasheet HTML 10Page - Analog Devices AD7660 Datasheet HTML 11Page - Analog Devices AD7660 Datasheet HTML 12Page - Analog Devices AD7660 Datasheet HTML 13Page - Analog Devices AD7660 Datasheet HTML 14Page - Analog Devices AD7660 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. B
AD7676
–11–
TYPICAL CONNECTION DIAGRAM
Figure 5 shows a typical connection diagram for the AD7676.
Different circuitry shown on this diagram is optional and is
discussed below.
Analog Inputs
The AD7676 is specified to operate with a differential
±2.5 V
range. The typical input impedance for each analog input range
is also shown. Figure 6 shows a simplified analog input section
of the AD7676.
IN+
IN–
AGND
AVDD
R+ = 684
CS
CS
R– = 684
Figure 6. Simplified Analog Input
The diodes shown in Figure 6 provide ESD protection for the
inputs. Care must be taken to ensure that the analog input signal
never exceeds the absolute ratings on these inputs. This will
cause these diodes to become forward-biased and start conducting
current. These diodes can handle a forward-biased current of
120 mA maximum. This condition could eventually occur when
the input buffer’s (U1) or (U2) supplies are different from
AVDD. In such a case, an input buffer with a short-circuit
current limitation can be used to protect the part.
This analog input structure is a true differential structure. By
using these differential inputs, signals common to both inputs
are rejected as shown in Figure 7, which represents the typical
CMRR over frequency.
FREQUENCY – Hz
45
75
10k
10M
1k
1M
80
65
100k
55
85
70
60
50
40
Figure 7. Analog Input CMRR vs. Frequency
AVDD
AGND
DGND
DVDD
OVDD
OGND
SER/
PAR
CNVST
BUSY
SDOUT
SCLK
RD
CS
RESET
PD
REFGND
CREF
2.5V REF
NOTE 1
REF
100
D
CLOCK
AD7676
C/ P/DSP
SERIAL PORT
DIGITAL SUPPLY
(3.3V OR 5V)
ANALOG
SUPPLY
(5V)
DVDD
OB/
2C
NOTE 7
BYTESWAP
DVDD
50k
100nF
1M
IN+
ANALOG INPUT+
CC
2.7nF
U1
NOTE 4
NOTE 5
50
AD8021
–
+
15
NOTE 2
NOTE 3
NOTE 6
ADR421
10 F
100nF
+
10 F
100nF
+
100nF
+
10 F
IN–
ANALOG INPUT–
CC
2.7nF
U2
NOTE 4
NOTE 5
50
AD8021
–
+
15
50
+
1 F
NOTES
1. SEE VOLTAGE REFERENCE INPUT SECTION.
2. WITH THE RECOMMENDED VOLTAGE REFERENCES, CREF IS 47 F. SEE VOLTAGE REFERENCE INPUT SECTION.
3. OPTIONAL CIRCUITRY FOR HARDWARE GAIN CALIBRATION.
4. THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION.
5. SEE ANALOG INPUTS SECTION.
6. OPTION, SEE POWER SUPPLY SECTION.
7. OPTIONAL LOW JITTER
CNVST, SEE CONVERSION CONTROL SECTION.
Figure 5. Typical Connection Diagram (
±2.5 V Range Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com