Electronic Components Datasheet Search
  English  ▼

X  

AD7660 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7660
Description  16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 2 Page - Analog Devices

  AD7660 Datasheet HTML 1Page - Analog Devices AD7660 Datasheet HTML 2Page - Analog Devices AD7660 Datasheet HTML 3Page - Analog Devices AD7660 Datasheet HTML 4Page - Analog Devices AD7660 Datasheet HTML 5Page - Analog Devices AD7660 Datasheet HTML 6Page - Analog Devices AD7660 Datasheet HTML 7Page - Analog Devices AD7660 Datasheet HTML 8Page - Analog Devices AD7660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. B
–2–
AD7676–SPECIFICATIONS (–40 C to +85 C,AVDD=DVDD=5V,OVDD=2.7 V to 5.25 V, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN+ – VIN–
–VREF
+VREF
V
Operating Input Voltage
VIN+, VIN– to AGND
–0.1
+3
V
Analog Input CMRR
fIN = 10 kHz
79
dB
Input Current
500 kSPS Throughput
5
µA
Input Impedance
See Analog Inputs Section
THROUGHPUT SPEED
Complete Cycle
2
µs
Throughput Rate
0
500
kSPS
DC ACCURACY
Integral Linearity Error
–1
+1
LSB1
No Missing Codes
16
Bits
Transition Noise
0.35
LSB
+Full-Scale Error2
–22
+22
LSB
–Full-Scale Error
2
–22
+22
LSB
Zero Error
2
–8
+8
LSB
Power Supply Sensitivity
AVDD = 5 V
± 5%
±0.7
LSB
AC ACCURACY
Signal-to-Noise
fIN = 20 kHz
92
94
dB
3
fIN = 45 kHz
94
dB
3
Spurious-Free Dynamic Range
fIN = 20 kHz
104.5
110
dB3
fIN = 45 kHz
110
dB
3
Total Harmonic Distortion
fIN = 20 kHz
–110
–103.5
dB
3
fIN = 45 kHz
–110
dB3
Signal-to-(Noise + Distortion)
fIN = 20 kHz
92
94
dB
3
fIN = 45 kHz
94
dB
3
fIN = 45 kHz, –60 dB Input
34
dB3
–3 dB Input Bandwidth
3.9
MHz
SAMPLING DYNAMICS
Aperture Delay
2ns
Aperture Jitter
5
ps rms
Transient Response
Full-Scale Step
750
ns
REFERENCE
External Reference Voltage Range
2.3
2.5
AVDD – 1.85
V
External Reference Current Drain
500 kSPS Throughput
170
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
+2.0
OVDD + 0.3
V
IIL
–1
+1
µA
IIH
–1
+1
µA
DIGITAL OUTPUTS
Data Format
Parallel or Serial 16-Bit Conversion Results Available
Pipeline Delay
Immediately after Completed Conversion
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = –100
µA
OVDD – 0.6
V
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.254
V
Operating Current
500 kSPS Throughput
AVDD
9.5
mA
DVDD5
3.9
mA
OVDD
5
37
µA
Power Dissipation
5
500 kSPS Throughput
67
74
mW
100 SPS Throughput
15
µW
In Power-Down Mode
6
7
µW
TEMPERATURE RANGE
7
Specified Performance
TMIN to TMAX
–40
+85
°C
NOTES
1LSB means Least Significant Bit. Within the
± 2.5 V input range, one LSB is 76.3 µV.
2See Definition of Specifications section. These specifications do not include the error contribution from the external reference.
3All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full-scale unless otherwise specified.
4The maximum should be the minimum of 5.25 V and DVDD + 0.3 V.
5Tested in Parallel Reading Mode.
6With OVDD below DVDD + 0.3 V and all digital inputs forced to DVDD or DGND, respectively.
7Contact factory for extended temperature range.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com