Electronic Components Datasheet Search
  English  ▼

X  

AD7478AARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7478AARMZ
Description  2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7478AARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7478AARMZ Datasheet HTML 9Page - Analog Devices AD7478AARMZ Datasheet HTML 10Page - Analog Devices AD7478AARMZ Datasheet HTML 11Page - Analog Devices AD7478AARMZ Datasheet HTML 12Page - Analog Devices AD7478AARMZ Datasheet HTML 13Page - Analog Devices AD7478AARMZ Datasheet HTML 14Page - Analog Devices AD7478AARMZ Datasheet HTML 15Page - Analog Devices AD7478AARMZ Datasheet HTML 16Page - Analog Devices AD7478AARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7476A/AD7477A/AD7478A
Rev. F | Page 13 of 28
CODE
1.0
0.4
–0.2
0
1024
512
0.8
0.6
0.2
0
–0.4
–0.6
–0.8
–1.0
1536
2048
2560
3072
3584
4096
VDD = 2.35V
TEMP = 25°C
fSAMPLE = 1MSPS
Figure 11. AD7476A INL Performance
CODE
1.0
0.4
–0.2
0
1024
512
0.8
0.6
0.2
0
–0.4
–0.6
–0.8
–1.0
1536
2048
2560
3072
3584
4096
VDD = 2.35V
TEMP = 25°C
fSAMPLE = 1MSPS
Figure 12. AD7476A DNL Performance
INPUT FREQUENCY (kHz)
0
–30
–60
10
1000
100
–10
–20
–40
–50
–70
–80
–90
VDD = 3.6V
RIN = 10kΩ
RIN = 1kΩ
RIN = 130Ω
RIN = 13Ω
RIN = 0Ω
Figure 13. THD vs. Analog Input Frequency for Various Source Impedances
INPUT FREQUENCY (kHz)
–60
–75
–90
10
1000
100
–65
–70
–80
–85
VDD = 5.25V
VDD = 2.35V
VDD = 2.7V
VDD = 4.75V
VDD = 3.6V
Figure 14. THD vs. Analog Input Frequency for Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com