Electronic Components Datasheet Search
  English  ▼

X  

AD7478AARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD7478AARMZ
Description  2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7478AARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7478AARMZ Datasheet HTML 17Page - Analog Devices AD7478AARMZ Datasheet HTML 18Page - Analog Devices AD7478AARMZ Datasheet HTML 19Page - Analog Devices AD7478AARMZ Datasheet HTML 20Page - Analog Devices AD7478AARMZ Datasheet HTML 21Page - Analog Devices AD7478AARMZ Datasheet HTML 22Page - Analog Devices AD7478AARMZ Datasheet HTML 23Page - Analog Devices AD7478AARMZ Datasheet HTML 24Page - Analog Devices AD7478AARMZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7476A/AD7477A/AD7478A
Rev. F | Page 21 of 28
SERIAL INTERFACE
Figure 24, Figure 25, and Figure 26 show the detailed timing
diagrams for serial interfacing to the AD7476A, AD7477A, and
AD7478A, respectively. The serial clock provides the conversion
clock and also controls the transfer of information from the
AD7476A/AD7477A/AD7478A during conversion.
The CS signal initiates the data transfer and conversion process.
The falling edge of CS puts the track-and-hold into hold mode
and takes the bus out of three-state; the analog input is sampled
at this point. Also, the conversion is initiated at this point.
For the AD7476A, the conversion requires 16 SCLK cycles to
complete. Once 13 SCLK falling edges have elapsed, the track-
and-hold goes back into track on the next SCLK rising edge, as
shown in Figure 24 at Point B. On the 16th SCLK falling edge,
the SDATA line goes back into three-state. If the rising edge of
CS occurs before 16 SCLKs have elapsed, the conversion is
terminated and the SDATA line goes back into three-state;
otherwise, SDATA returns to three-state on the 16th SCLK
falling edge, as shown in Figure 24. Sixteen serial clock cycles
are required to perform the conversion process and to access
data from the AD7476A.
For the AD7477A, the conversion requires 14 SCLK cycles to
complete. Once 13 SCLK falling edges have elapsed, the track-
and-hold goes back into track on the next rising edge as shown
at Point B in Figure 25. If the rising edge of CS occurs before
14 SCLKs have elapsed, the conversion is terminated and the
SDATA line goes back into three-state. If 16 SCLKs are
considered in the cycle, SDATA returns to three-state on the
16th SCLK falling edge, as shown in Figure 25.
For the AD7478A, the conversion requires 12 SCLK cycles to
complete. The track-and-hold goes back into track on the rising
edge after the 11th falling edge, as shown in Figure 26 at Point B. If
the rising edge of CS occurs before 12 SCLKs have elapsed, the
conversion is terminated and the SDATA line goes back into three-
state. If 16 SCLKs are considered in the cycle, SDATA returns to
three-state on the 16th SCLK falling edge, as shown in Figure 26.
CS
SCLK
SDATA
t2
t6
t3
t4
t7
t5
t8
tCONVERT
tQUIET
ZERO
ZERO
ZERO
DB11
DB10
DB2
DB1
DB0
B
THREE-STATE
THREE-
STATE
Z
4 LEADING ZEROS
1
3
13
14
15
16
t1
1/THROUGHPUT
24
5
Figure 24. AD7476A Serial Interface Timing Diagram
SCLK
1
5
13
15
THREE-STATE
t4
2
16
t5
t3
t2
DB9
DB8
DB0
ZERO
t6
t7
t8
14
4 LEADING ZEROS
ZERO
ZERO
ZERO
Z
t1
1/ THROUGHPUT
ZERO
2 TRAILING ZEROS
SDATA
tCONVERT
tQUIET
B
THREE-STATE
CS
4
3
Figure 25. AD7477A Serial Interface Timing Diagram
CS
SCLK
1
13
15
SDATA
4 LEADING ZEROS
THREE-STATE
t4
2
3
16
t5
t3
t2
THREE-STATE
DB7
t6
t7
t8
14
ZERO
ZERO
ZERO
Z
t1
1/ THROUGHPUT
ZERO
ZERO
ZERO
ZERO
11
12
4 TRAILING ZEROS
tCONVERT
tQUIET
B
4
Figure 26. AD7478A Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com