Electronic Components Datasheet Search
  English  ▼

X  

AD8065ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8065ARZ
Description  High Performance, 145 MHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8065ARZ Datasheet HTML 9Page - Analog Devices AD8065ARZ Datasheet HTML 10Page - Analog Devices AD8065ARZ Datasheet HTML 11Page - Analog Devices AD8065ARZ Datasheet HTML 12Page - Analog Devices AD8065ARZ Datasheet HTML 13Page - Analog Devices AD8065ARZ Datasheet HTML 14Page - Analog Devices AD8065ARZ Datasheet HTML 15Page - Analog Devices AD8065ARZ Datasheet HTML 16Page - Analog Devices AD8065ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD8065/AD8066
Rev. J | Page 12 of 28
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
FREQUENCY (MHz)
0.1
10
1
100
HD3 RL = 150Ω
HD2 RL = 150Ω
HD3 RL = 1kΩ
HD2 RL = 1kΩ
G = +2
Figure 16. Harmonic Distortion vs. Frequency for Various Loads
(See Figure 43)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
01234
6
10
5
789
12
11
14
13
15
OUTPUT AMPLITUDE (V p-p)
HD3 RL = 150Ω
HD2 RL = 150Ω
HD3 RL = 300Ω
HD2 RL = 300Ω
G = +2
VS = ±12V
F = 1MHz
Figure 17. Harmonic Distortion vs. Amplitude for Various Loads VS = ±12 V
(See Figure 43)
15
20
25
30
35
40
45
50
FREQUENCY (MHz)
110
VS = ±12V
RL = 100Ω
VS = ±5V
VS = +5V
Figure 18. Third-Order Intercept vs. Frequency and Supply Voltage
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
0.1
10
1
100
HD2 G = +2
HD3 G = +2
HD2 G = +1
HD3 G = +1
Figure 19. Harmonic Distortion vs. Frequency for Various Gains
(See Figure 42 and Figure 43)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
FREQUENCY (MHz)
0.1
1.0
10.0
HD2 VO = 20V p-p
HD3 VO = 20V p-p
HD2 VO = 10V p-p
HD3 VO = 10V p-p
HD2 VO = 2V p-p
HD3 VO = 2V p-p
VS = ±12V
G = +2
Figure 20. Harmonic Distortion vs. Frequency for Various Amplitudes
(See Figure 43)
1
10
100
100k
10k
100
1k
10
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 21. Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com