Electronic Components Datasheet Search
  English  ▼

X  

AD8065ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8065ARZ
Description  High Performance, 145 MHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD8065ARZ Datasheet HTML 1Page - Analog Devices AD8065ARZ Datasheet HTML 2Page - Analog Devices AD8065ARZ Datasheet HTML 3Page - Analog Devices AD8065ARZ Datasheet HTML 4Page - Analog Devices AD8065ARZ Datasheet HTML 5Page - Analog Devices AD8065ARZ Datasheet HTML 6Page - Analog Devices AD8065ARZ Datasheet HTML 7Page - Analog Devices AD8065ARZ Datasheet HTML 8Page - Analog Devices AD8065ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AD8065/AD8066
Rev. J | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagrams...................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 3
Specifications ±5 V........................................................................... 4
Specifications ±12 V......................................................................... 6
Specifications +5 V........................................................................... 7
Absolute Maximum Ratings............................................................ 9
Maximum Power Dissipation ..................................................... 9
Output Short Circuit .................................................................... 9
ESD Caution.................................................................................. 9
Typical Performance Characteristics ........................................... 10
Test Circuits..................................................................................... 17
Theory of Operation ...................................................................... 20
Closed-Loop Frequency Response........................................... 20
Noninverting Closed-Loop Frequency Response .................. 20
Inverting Closed-Loop Frequency Response ......................... 20
Wideband Operation ................................................................. 21
Input Protection ......................................................................... 21
Thermal Considerations............................................................ 22
Input and Output Overload Behavior ..................................... 22
Layout, Grounding, and Bypassing Considerations .................. 23
Power Supply Bypassing ............................................................ 23
Grounding ................................................................................... 23
Leakage Currents........................................................................ 23
Input Capacitance ...................................................................... 23
Output Capacitance ................................................................... 23
Input-to-Output Coupling ........................................................ 24
Wideband Photodiode Preamp ................................................ 24
High Speed JFET Input Instrumentation Amplifier.............. 25
Video Buffer ................................................................................ 26
Outline Dimensions ....................................................................... 27
Ordering Guide .......................................................................... 28
Automotive Products ................................................................. 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com