Electronic Components Datasheet Search
  English  ▼

X  

AD8361ART Datasheet(PDF) 17 Page - Analog Devices

Part # AD8361ART
Description  LF to 2.5 GHz TruPwr Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ART Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8361ART Datasheet HTML 13Page - Analog Devices AD8361ART Datasheet HTML 14Page - Analog Devices AD8361ART Datasheet HTML 15Page - Analog Devices AD8361ART Datasheet HTML 16Page - Analog Devices AD8361ART Datasheet HTML 17Page - Analog Devices AD8361ART Datasheet HTML 18Page - Analog Devices AD8361ART Datasheet HTML 19Page - Analog Devices AD8361ART Datasheet HTML 20Page - Analog Devices AD8361ART Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8361
Rev. C | Page 17 of 24
The equation can be rewritten to yield a temperature
compensated value for VIN:
()
(
)
GAIN
TEMP
DRIFT
V
V
V
VOS
OS
OUT
IN
C
25°
−
×
−
−
=
Figure 52 shows the output voltage and error (in dB) as a
function of input level for a typical device (note that output
voltage is plotted on a logarithmic scale). Figure 53 shows the
error in the calculated input level after the temperature
compensation algorithm has been applied. For a supply voltage
of 5 V, the part exhibits a worst-case linearity error over
temperature of approximately ±0.3 dB over a dynamic range of
35 dB.
PIN (dBm)
2.5
–25
0
–20
–15
–10
–5
1.0
2.0
1.5
0.5
510
+25°C
–40°C
0
–0.5
–1.0
–1.5
–2.0
–2.5
0.1
10
1.0
+85°C
Figure 52. Typical Output Voltage and Error vs.
Input Level, 800 MHz, VPOS = 5 V
PIN (dBm)
–25
0
–20
–15
–10
–5
1.0
2.0
1.5
0.5
510
0
–0.5
–1.0
–1.5
–2.0
–2.5
+25°C
–40°C
+85°C
–3.0
–30
Figure 53. Error after Temperature Compensation of
Output Reference,800 MHz, VPOS = 5 V
Extended Frequency Characterization
Although the AD8361 was originally intended as a power
measurement and control device for cellular wireless
applications, the AD8361 has useful performance at higher
frequencies. Typical applications may include MMDS, LMDS,
WLAN, and other noncellular activities.
In order to characterize the AD8361 at frequencies greater than
2.5 GHz, a small collection of devices were tested. Dynamic
range, conversion gain, and output intercept were measured at
several frequencies over a temperature range of −30°C to +80°C.
Both CW and 64 QAM modulated input wave forms were used
in the characterization process in order to access varying peak-
to-average waveform performance.
The dynamic range of the device is calculated as the input
power range over which the device remains within a
permissible error margin to the ideal transfer function. Devices
were tested over frequency and temperature. After identifying
an acceptable error margin for a given application, the usable
dynamic measurement range can be identified using the plots in
Figure 54 through Figure 57. For instance, for a 1 dB error
margin and a modulated carrier at 3 GHz, the usable dynamic
range can be found by inspecting the 3 GHz plot of Figure 57.
Note that the −30°C curve crosses the −1 dB error limit at
−17 dBm. For a 5 V supply, the maximum input power should
not exceed 6 dBm in order to avoid compression. The resultant
usable dynamic range is therefore
6 dBm − (−17 dBm)
or 23 dBm over a temperature range of −30°C to +80°C.
PIN (dBm)
2.5
–25
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–20
–15
–10
–5
0
5
10
10
1
0.1
+80°C
+25°C
–30°C
Figure 54. Transfer Function and Error Plots Measured at
1.5 GHz for a 64 QAM Modulated Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com