Electronic Components Datasheet Search
  English  ▼

X  

AD8361ART Datasheet(PDF) 18 Page - Analog Devices

Part # AD8361ART
Description  LF to 2.5 GHz TruPwr Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ART Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8361ART Datasheet HTML 14Page - Analog Devices AD8361ART Datasheet HTML 15Page - Analog Devices AD8361ART Datasheet HTML 16Page - Analog Devices AD8361ART Datasheet HTML 17Page - Analog Devices AD8361ART Datasheet HTML 18Page - Analog Devices AD8361ART Datasheet HTML 19Page - Analog Devices AD8361ART Datasheet HTML 20Page - Analog Devices AD8361ART Datasheet HTML 21Page - Analog Devices AD8361ART Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8361
Rev. C | Page 18 of 24
PIN (dBm)
2.5
–25
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–20
–15
–10
–5
0
5
10
10
1
0.1
+80°C
+25°C
–30°C
Figure 55. Transfer Function and Error Plots Measured at
2.5 GHz for a 64 QAM Modulated Signal
PIN (dBm)
2.5
–25
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–20
–15
–10
–5
0
5
10
10
1
0.1
+80°C
+25°C
–30°C
Figure 56. Transfer Function and Error Plots Measured at
2.7 GHz for a 64 QAM Modulated Signal
PIN (dBm)
2.5
–25
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–20
–15
–10
–5
5
010
10
1
0.1
+80
°C
+25
°C
–30
°C
Figure 57. Transfer Function and Error Plots Measured at
3.0 GHz for a 64 QAM Modulated Signal
PIN (dBm)
2.5
–25
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–20
–15
–10
–5
5
010
10
1
0.1
CW
64 QAM
Figure 58. Error from CW Linear Reference vs. Input Drive Level for CW
and 64 QAM Modulated Signals at 3.0 GHz
FREQUENCY (MHz)
8.0
100
7.5
7.0
6.5
6.0
5.5
5.0
200
400
800
1200 1600 2200 2500 2700 3000
Figure 59. Conversion Gain vs. Frequency for a
Typical Device, Supply 3 V, Ground Reference Mode
The transfer functions and error for a CW input and a 64 QAM
input waveform is shown in Figure 58. The error curve is
generated from a linear reference based on the CW data. The
increased crest factor of the 64 QAM modulation results in a
decrease in output from the AD8361. This decrease in output is
a result of the limited bandwidth and compression of the
internal gain stages. This inaccuracy should be accounted for in
systems where varying crest factor signals need to be measured.
The conversion gain is defined as the slope of the output voltage
versus the input rms voltage. An ideal best fit curve can be
found for the measured transfer function at a given supply
voltage and temperature. The slope of the ideal curve is
identified as the conversion gain for a particular device. The
conversion gain relates the measurement sensitivity of the
AD8361 to the rms input voltage of the RF waveform. The
conversion gain was measured for a number of devices over a
temperature range of −30°C to +80°C. The conversion gain for a
typical device is shown in Figure 59. Although the conversion
gain tends to decrease with increasing frequency, the AD8361
provides measurement capability at frequencies greater than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com