Electronic Components Datasheet Search
  English  ▼

X  

ADA4528-2ARMZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4528-2ARMZ
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-2ARMZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4528-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 21Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 22Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 23Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. D | Page 19 of 28
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VIN = 0.5V p-p
VIN = 1V p-p
VIN = 1.2V p-p
VSY = 2.5V
RL = 2kΩ
AV = –100
Figure 62. Channel Separation vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VIN = 1V p-p
VIN = 2V p-p
VIN = 2.4V p-p
VSY = 5V
RL = 2kΩ
AV = –100
Figure 63.Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com