Electronic Components Datasheet Search
  English  ▼

X  

ADA4528-2ARMZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4528-2ARMZ
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-2ARMZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4528-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 21Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 22Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 23Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 24Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 25Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. D | Page 21 of 28
Source Resistance
With 5.6 nV/√Hz of broadband noise at 1 kHz (VSY = 2.5 V
and AV = +100), the ADA4528-1/ADA4528-2 are among the
lowest noise zero-drift amplifiers currently available in the
industry. Therefore, it is important to carefully select the input
source resistance to maintain a total low noise.
The total input referred broadband noise (en total) from any
amplifier is primarily a function of three types of noise: input
voltage noise, input current noise, and thermal (Johnson) noise
from the external resistors.
These uncorrelated noise sources can be summed up in a root
sum squared (rss) manner using the following equation:
en total = [en2 + 4 kTRS + (in × RS)2]1/2
where:
en is the input voltage noise of the amplifier (V/√Hz).
k is the Boltzmann’s constant (1.38 × 10−23 J/K).
T is the temperature in Kelvin (K).
RS is the total input source resistance (Ω).
in is the input current noise of the amplifier (A/√Hz).
The total equivalent rms noise over a specific bandwidth is
expressed as
en,rms = en total × √BW
where BW is the bandwidth in hertz.
This analysis is valid for broadband noise calculation. If the
bandwidth of concern includes the chopping frequency, more
complicated calculations must be made to include the effect of
the noise energy spectrum at the chopping frequency (see the
Residual Voltage Ripple section).
With a low source resistance of RS < 1 kΩ, the voltage noise
of the amplifier dominates. As source resistance increases, the
thermal noise of RS dominates. As the source resistance increases
further, where RS > 100 kΩ, the current noise becomes the main
contributor to the total input noise. A good selection table for low
noise op amps can be found in the AN-940 Application Note, Low
Noise Amplifier Selection Guide for Optimal Noise Performance.
Voltage Noise Density with Different Gain Configurations
Figure 65 shows the voltage noise density vs. closed-loop gain of a
zero-drift amplifier from a leading competitor. The voltage noise
density of the amplifier increases from 11 nV/√Hz to 21 nV/√Hz
as the closed-loop gain decreases from 1000 to 1.
24
20
16
12
8
4
0
1
10
100
1000
CLOSED-LOOP GAIN (V/V)
VSY = 5V
f = 100Hz
COMPETITOR A
Figure 65. Competitor A: Voltage Noise Density vs. Closed-Loop Gain
Figure 66 shows the voltage noise density vs. frequency of the
ADA4528-1/ADA4528-2 for three different gain configurations.
The ADA4528-1/ADA4528-2 offer a constant input voltage
noise density of 6 nV/√Hz to 7 nV/√Hz, regardless of the gain
configuration.
1
10
100
1
10
100
1k
10k
FREQUENCY (Hz)
AV = 10
AV = 100
AV = 1
VSY = 5V
VCM = VSY/2
Figure 66. Voltage Noise Density vs. Frequency with Different Gain
Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com