Electronic Components Datasheet Search
  English  ▼

X  

ADM3073EYRZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3073EYRZ
Description  3.3 V, 15,-15 kV ESD-Protected
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3073EYRZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3073EYRZ Datasheet HTML 3Page - Analog Devices ADM3073EYRZ Datasheet HTML 4Page - Analog Devices ADM3073EYRZ Datasheet HTML 5Page - Analog Devices ADM3073EYRZ Datasheet HTML 6Page - Analog Devices ADM3073EYRZ Datasheet HTML 7Page - Analog Devices ADM3073EYRZ Datasheet HTML 8Page - Analog Devices ADM3073EYRZ Datasheet HTML 9Page - Analog Devices ADM3073EYRZ Datasheet HTML 10Page - Analog Devices ADM3073EYRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 7 of 20
TIMING SPECIFICATIONS—ADM3076E/ADM3077E/ADM3078E
VCC = 3.3 V ± 10%, TA = TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
16
Mbps
Propagation Delay, Low-to-High Level
tDPLH
50
ns
CL = 50 pF, RL = 54 Ω (see Figure 8 and Figure 9)
Propagation Delay, High-to-Low Level
tDPHL
50
ns
CL = 50 pF, RL = 54 Ω (see Figure 8 and Figure 9)
Rise Time/Fall Time
tDR/tDF
15
ns
CL = 50 pF, RL = 54 Ω (see Figure 8 and Figure 9)
|tDPLH − tDPHL| Differential Driver Output Skew
tDSKEW
8
ns
CL = 50 pF, RL = 54 Ω (see Figure 8 and Figure 9)
Enable to Output High
tDZH
150
ns
See Figure 10
Enable to Output Low
tDZL
150
ns
See Figure 11
Disable Time from Low
tDLZ
100
ns
See Figure 11
Disable Time from High
tDHZ
100
ns
See Figure 10
Enable Time from Shutdown to High
tDZH(SHDN)
1250
1800
ns
See Figure 10
Enable Time from Shutdown to Low
tDZL(SHDN)
1250
1800
ns
See Figure 11
RECEIVER
Maximum Data Rate
16
Mbps
Propagation Delay, Low-to-High Level
tRPLH
40
75
ns
CL = 15 pF (see Figure 12 and Figure 13)
Propagation Delay, High-to-Low Level
tRPHL
40
75
ns
CL = 15 pF (see Figure 12 and Figure 13)
|tRPLH − tRPHL| Output Skew
tRSKEW
8
ns
CL = 15 pF (see Figure 12 and Figure 13)
Enable to Output High
tRZH
50
ns
See Figure 14
Enable to Output Low
tRZL
50
ns
See Figure 14
Disable Time from Low
tRLZ
50
ns
See Figure 14
Disable Time from High
tRHZ
50
ns
See Figure 14
Enable Time from Shutdown to High
tRZH(SHDN)
1800
ns
See Figure 14
Enable Time from Shutdown to Low
tRZL(SHDN)
1800
ns
See Figure 14
TIME TO SHUTDOWN
tSHDN
50
200
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com