Electronic Components Datasheet Search
  English  ▼

X  

ADM3073EYRZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADM3073EYRZ
Description  3.3 V, 15,-15 kV ESD-Protected
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3073EYRZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM3073EYRZ Datasheet HTML 9Page - Analog Devices ADM3073EYRZ Datasheet HTML 10Page - Analog Devices ADM3073EYRZ Datasheet HTML 11Page - Analog Devices ADM3073EYRZ Datasheet HTML 12Page - Analog Devices ADM3073EYRZ Datasheet HTML 13Page - Analog Devices ADM3073EYRZ Datasheet HTML 14Page - Analog Devices ADM3073EYRZ Datasheet HTML 15Page - Analog Devices ADM3073EYRZ Datasheet HTML 16Page - Analog Devices ADM3073EYRZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 13 of 20
2.6
1.6
–50
125
TEMPERATURE (°C)
–25
0
25
50
75
100
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
RL = 54Ω
Figure 21. Driver Differential Output Voltage vs. Temperature
OUTPUT HIGH VOLTAGE (V)
0
20
40
60
80
100
120
–7
–6
–5
–4
–3
–2
–1
01234
Figure 22. Output Current vs. Driver Output High Voltage
OUTPUT LOW VOLTAGE (V)
0
20
40
60
80
100
120
02
46
8
10
12
Figure 23. Output Current vs. Driver Output Low Voltage
0.9
0
–50
125
TEMPERATURE (°C)
–25
0
25
50
75
100
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Figure 24. Shutdown Current vs. Temperature
TEMPERATURE (°C)
0
200
400
600
800
1000
1200
–40
25
125
tDPLH
tDPHL
Figure 25. ADM3070E/ADM3071E/ADM3072E Driver
Propagation Delay vs. Temperature (250 kbps)
TEMPERATURE (°C)
–40
25
0
100
200
300
400
500
600
700
125
tDPLH
tDPHL
Figure 26. ADM3073E/ADM3074E/ADM3075E Driver
Propagation Delay vs. Temperature (500 kbps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com