Electronic Components Datasheet Search
  English  ▼

X  

DAC8248GP Datasheet(PDF) 5 Page - Analog Devices

Part # DAC8248GP
Description  Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8248GP Datasheet(HTML) 5 Page - Analog Devices

  DAC8248GP Datasheet HTML 1Page - Analog Devices DAC8248GP Datasheet HTML 2Page - Analog Devices DAC8248GP Datasheet HTML 3Page - Analog Devices DAC8248GP Datasheet HTML 4Page - Analog Devices DAC8248GP Datasheet HTML 5Page - Analog Devices DAC8248GP Datasheet HTML 6Page - Analog Devices DAC8248GP Datasheet HTML 7Page - Analog Devices DAC8248GP Datasheet HTML 8Page - Analog Devices DAC8248GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DAC8248
–5–
REV. B
11. AGND
13. NC
12. IOUTA
14. DB1
13. RFB A
15. DB0(LSB)
14. VREF A
16. RESET
15. DGND
17. LSB/MSB
16. DB7(MSB)
18. DAC A/DAC B
17. DB6
19. LDAC
18. DB5
20. WR
19. DB4
21. VDD
10. DB3
22. VREF B
11. DB2
23. RFB B
12. NC
24. IOUT B
SUBSTRATE (DIE BACKSIDE) IS INTERNALLY
CONNECTED TO VDD.
DICE CHARACTERISTICS
WAFER TEST LIMITS @ V
DD = +5 V or +15 V, VREF A = VREF B = +10 V, VOUT A = VOUT B = 0 V; AGND = DGND = 0 V; TA = 25 C.
DAC8248G
Parameter
Symbol
Conditions
Limit
Units
Relative Accuracy
INL
Endpoint Linearity Error
±1
LSB max
Differential Nonlinearity
DNL
All Grades are Guaranteed Monotonic
±1
LSB max
Full-Scale Gain Error
1
GFSE
Digital Inputs = 1111 1111 1111
±4
LSB max
Output Leakage
Digital Inputs = 0000 0000 0000
(IOUT A, IOUT B)ILKG
Pads 2 and 24
±50
nA max
Input Resistance
(VREF A, VREF B)RREF
Pads 4 and 22
8/15
k
Ω min/kΩ max
VREF A, VREF B Input
∆R
REF
Resistance Match
RREF
±1
% max
Digital Input High
VINH
VDD = +5 V
2.4
V min
VDD = +15 V
13.5
V min
Digital Input Low
VINL
VDD = +5 V
0.8
V max
VDD = +15 V
1.5
V max
Digital Input Current
IIN
VIN = 0 V or VDD; VINL or VINH
±1
µA max
Supply Current
IDD
All Digital Inputs VINL or VINH
2
mA max
All Digital Inputs 0 V or VDD
0.1
mA max
DC Supply Rejection
(
∆Gain/∆V
DD)
PSR
∆V
DD =
±5%
0.002
%/% max
NOTES
1Measured using internal R
FB A and RFB B.
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
Die Size 0.124
× 0.132 inch, 16,368 sq. mils
(3.15
× 3.55 mm, 10.56 sq. mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com