Electronic Components Datasheet Search
  English  ▼

X  

DAC8248GP Datasheet(PDF) 13 Page - Analog Devices

Part # DAC8248GP
Description  Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8248GP Datasheet(HTML) 13 Page - Analog Devices

Back Button DAC8248GP Datasheet HTML 8Page - Analog Devices DAC8248GP Datasheet HTML 9Page - Analog Devices DAC8248GP Datasheet HTML 10Page - Analog Devices DAC8248GP Datasheet HTML 11Page - Analog Devices DAC8248GP Datasheet HTML 12Page - Analog Devices DAC8248GP Datasheet HTML 13Page - Analog Devices DAC8248GP Datasheet HTML 14Page - Analog Devices DAC8248GP Datasheet HTML 15Page - Analog Devices DAC8248GP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DAC8248
–13–
REV. B
loading the appropriate DAC’s digital inputs with 0000 0000
0000 and adjusting the op amp’s offset voltage to 0 V. It is rec-
ommended that the op amp offset voltage be adjusted to less
than 10% of 1 LSB (244
µV), and over the operating tempera-
ture range of interest. This will ensure the DAC’s monotonicity
and minimize gain and linearity errors.
BIPOLAR OPERATION
The bipolar (offset binary) 4-quadrant configuration using the
DAC8248 is shown in Figure 8, and the corresponding code is
shown in Table II. The circuit makes use of the OP470, a quad
op amp (use four OP42s for applications requiring higher
speeds).
The full-scale output voltage may be adjusted by varying VREF or
the value of R5 and R8, and thus eliminating resistors R1, R2,
R3, and R4. If resistors R1 through R4 are omitted, then R5, R6,
R7 (R8, R9, and R10 for DAC B) should be ratio-matched to
0.01% to keep gain error within data sheet specifications. The re-
sistors should have identical temperature-coefficients if operating
over the full temperature range.
Zero and full-scale are adjusted in one of two ways and are at
the users discretion. Zero-output is adjusted by loading the ap-
propriate DAC’s digital inputs with 1000 0000 0000 and vary-
ing R1 (R3 for DAC B) so that VOUT A (or VOUT B) equals 0 V.
If R1, R2 (R3, R4 for DAC B) are omitted, then zero output
can be adjusted by varying R6, R7 ratios (R9, R10 for DAC B).
Full-scale is adjusted by loading the appropriate DAC’s digital
inputs with 1111 1111 1111 and varying R5 (R8 for DAC B).
Table II. Bipolar (Offset Binary) Code Table
(Refer to Figure 8)
Binary Number in
DAC Register
Analog Output, VOUT
MSB
LSB
(DAC A or DAC B)
1111 1111 1111
+VREF
2047
2048
1000 0000 0001
+VREF
1
2048
1000 0000 0000
0 V
0111 1111 1111
–VREF
1
2048
0000 0000 0000
–VREF
2048
2048
NOTE:
1 LSB=(2
–11)(V
REF) =
1
2048
(VREF)
SINGLE SUPPLY OPERATION
CURRENT STEERING MODE
Because the DAC8248’s R-2R resistor ladder terminating resis-
tor is internally connected to AGND, it lends itself well for
single supply operation in the current steering mode configura-
tion. This means that AGND can be raised above system
Figure 8. Bipolar Configuration (4-Quadrant Multiplication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com