Electronic Components Datasheet Search
  English  ▼

X  

LP2996MR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996MR
Description  LP2996-N DDR Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2996MR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2996MR Datasheet HTML 7Page - Texas Instruments LP2996MR Datasheet HTML 8Page - Texas Instruments LP2996MR Datasheet HTML 9Page - Texas Instruments LP2996MR Datasheet HTML 10Page - Texas Instruments LP2996MR Datasheet HTML 11Page - Texas Instruments LP2996MR Datasheet HTML 12Page - Texas Instruments LP2996MR Datasheet HTML 13Page - Texas Instruments LP2996MR Datasheet HTML 14Page - Texas Instruments LP2996MR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0
100
200
300
400
500
600
AIRFLOW (Linear Feet Per Minute)
45
46
47
48
49
50
51
LP2996-N
www.ti.com
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
Figure 23.
θJA vs Airflow Speed (JEDEC Board with 4 Vias)
Optimizing the
θJA and placing the LP2996-N in a section of a board exposed to lower ambient temperature
allows the part to operate with higher power dissipation. The internal power dissipation can be calculated by
summing the three main sources of loss: output current at VTT, either sinking or sourcing, and quiescent current
at AVIN and VDDQ. During the active state (when shutdown is not held low) the total internal power dissipation
can be calculated from the following equations:
PD = PAVIN + PVDDQ + PVTT
where
(3)
PAVIN = IAVIN * VAVIN
(4)
PVDDQ = VVDDQ * IVDDQ = VVDDQ2 x RVDDQ
(5)
To calculate the maximum power dissipation at VTT both conditions at VTT need to be examined, sinking and
sourcing current. Although only one equation will add into the total, VTT cannot source and sink current
simultaneously.
PVTT = VVTT x ILOAD (Sinking) or
(6)
PVTT = ( VPVIN - VVTT) x ILOAD (Sourcing
(7)
The power dissipation of the LP2996-N can also be calculated during the shutdown state. During this condition
the output VTT will tri-state, therefore that term in the power equation will disappear as it cannot sink or source
any current (leakage is negligible). The only losses during shutdown will be the reduced quiescent current at
AVIN and the constant impedance that is seen at the VDDQ pin.
PD = PAVIN + PVDDQ
(8)
PAVIN = IAVIN x VAVIN
(9)
PVDDQ = VVDDQ * IVDDQ = VVDDQ2 x RVDDQ
(10)
Typical Application Circuits
Several different application circuits have been shown in Figure 24 through Figure 33 to illustrate some of the
options that are possible in configuring the LP2996-N. Graphs of the individual circuit performance can be found
in the Typical Performance Characteristics section in the beginning of the datasheet. These curves illustrate how
the maximum output current is affected by changes in AVIN and PVIN.
SSTL-2 APPLICATIONS
For the majority of applications that implement the SSTL-2 termination scheme it is recommended to connect all
the input rails to the 2.5V rail. This provides an optimal trade-off between power dissipation and component count
and selection. An example of this circuit can be seen in Figure 24.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2996-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com