Electronic Components Datasheet Search
  English  ▼

X  

LP2996MR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996MR
Description  LP2996-N DDR Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2996MR Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2996MR Datasheet HTML 10Page - Texas Instruments LP2996MR Datasheet HTML 11Page - Texas Instruments LP2996MR Datasheet HTML 12Page - Texas Instruments LP2996MR Datasheet HTML 13Page - Texas Instruments LP2996MR Datasheet HTML 14Page - Texas Instruments LP2996MR Datasheet HTML 15Page - Texas Instruments LP2996MR Datasheet HTML 16Page - Texas Instruments LP2996MR Datasheet HTML 17Page - Texas Instruments LP2996MR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
VTT
LP2996
PVIN
VDDQ
VREF
AVIN
VREF = 0.75V
VSENSE
GND
+
+
+
VDDQ = 1.5V
VDD = 2.5V
VTT = 0.75V
SD
SD
CIN
COUT
CREF
R1
LP2996
+
+
VDDQ
VDD
VTT
VTT
PVIN
VDDQ
GND
AVIN
VSENSE
COUT
CIN
R2
R1
LP2996
+
+
VDDQ
VDD
VTT
VTT
PVIN
VDDQ
GND
AVIN
VSENSE
COUT
CIN
R2
LP2996-N
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
www.ti.com
Figure 29. Increasing VTT by Level Shifting
Conversely, the R2 resistor can be placed between VSENSE and VDDQ to shift the VTT output lower than the
internal reference voltage of VDDQ/2. The equations relating VTT and the resistors can be seen below:
VTT = VDDQ/2 (1 - R1/R2)
(12)
Figure 30. Decreasing VTT by Level Shifting
HSTL APPLICATIONS
The LP2996-N can be easily adapted for HSTL applications by connecting VDDQ to the 1.5V rail. This will
produce a VTT and VREF voltage of approximately 0.75V for the termination resistors. AVIN and PVIN should be
connected to a 2.5V rail for optimal performance.
Figure 31. HSTL Application
QDR APPLICATIONS
Quad data rate (QDR) applications utilize multiple channels for improved memory performance. However, this
increase in bus lines has the effect of increasing the current levels required for termination. The recommended
approach in terminating multiple channels is to use a dedicated LP2996-N for each channel. This simplifies
layout and reduces the internal power dissipation for each regulator. Separate VREF signals can be used for each
DIMM bank from the corresponding regulator with the chipset reference provided by a local resistor divider or
one of the LP2996-N signals. Because VREF and VTT are expected to track and the part to part variations are
minor, there should be little difference between the reference signals of each LP2996-N.
14
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP2996-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com