Electronic Components Datasheet Search
  English  ▼

X  

TL7700CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CPWR
Description  SUPPLY-VOLTAGE SUPERVISOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7700CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TL7700CPWR Datasheet HTML 1Page - Texas Instruments TL7700CPWR Datasheet HTML 2Page - Texas Instruments TL7700CPWR Datasheet HTML 3Page - Texas Instruments TL7700CPWR Datasheet HTML 4Page - Texas Instruments TL7700CPWR Datasheet HTML 5Page - Texas Instruments TL7700CPWR Datasheet HTML 6Page - Texas Instruments TL7700CPWR Datasheet HTML 7Page - Texas Instruments TL7700CPWR Datasheet HTML 8Page - Texas Instruments TL7700CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
3
4
8
7
6
5
CT
SENSE
NC
GND
RESET
NC
NC
V
CC
P
ACKAGE
(TOP VIEW)
, PS, OR PW P
NC – No internal connection
1
2
3
4
8
7
6
5
RESET
NC
CT
SENSE
V
CC
NC
NC
GND
DGK ACKAGE
(TOP VIEW)
P
TL7700
www.ti.com
SLVS220F
– JULY 1999 – REVISED AUGUST 2011
SUPPLY-VOLTAGE SUPERVISOR
Check for Samples: TL7700
1
FEATURES
•
Adjustable Sense Voltage With Two External
Resistors
•
Adjustable Hysteresis of Sense Voltage
•
Wide Operating Supply-Voltage Range:
1.8 V to 40 V
•
Wide Operating Temperature Range:
–40°C to 85°C
•
Low Power Consumption:
ICC = 0.6 mA Typ, VCC = 40 V
•
Minimum External Components
•
Now Available in MSOP (DGK) package
DESCRIPTION/ORDERING INFORMATION
The TL7700 is a bipolar integrated circuit designed for use as a reset controller in microcomputer and
microprocessor systems. The SENSE voltage can be set to any value greater than 0.5 V using two external
resistors. The hysteresis value of the sense voltage also can be set by the same resistors. The device includes a
precision voltage reference, fast comparator, timing generator, and output driver, so it can generate a power-on
reset signal in a digital system.
The TL7700 has an internal 1.5-V temperature-compensated voltage reference from which all function blocks are
supplied. Circuit function is very stable, with supply voltage in the 1.8-V to 40-V range. Minimum supply current
allows use with ac line operation, portable battery operation, and automotive applications.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP
– P
Tube of 50
TL7700CP
TL7700CP
SOP
– PS
Reel of 2000
TL7700CPSR
T7700
Tube of 150
TL7700CPW
–40°C to 85°C
TSSOP
– PW
T7700
Reel of 2000
TL7700CPWR
Reel of 250
TL7700CDGKT
MSOP
– DGK
9TS
Reel of 2500
TL7700CDGKR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 1999–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL7700CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700CPWR TI-TL7700CPWR Datasheet
266Kb / 15P
SUPPLY-VOLTAGE SUPERVISOR
TL7700CPWR TI-TL7700CPWR Datasheet
400Kb / 17P
SUPPLY-VOLTAGE SUPERVISOR
TL7700CPWR TI1-TL7700CPWR Datasheet
1Mb / 23P
SUPPLY-VOLTAGE SUPERVISOR
TL7700CPWR TI2-TL7700CPWR Datasheet
983Kb / 31P
TL7700 Supply-Voltage Supervisor
REVISED AUGUST 2016
TL7700CPWR.A TI2-TL7700CPWR.A Datasheet
983Kb / 31P
TL7700 Supply-Voltage Supervisor
REVISED AUGUST 2016
More results

Similar Description - TL7700CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI-TL7700 Datasheet
144Kb / 11P
SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7702 TI-TL7702 Datasheet
340Kb / 17P
Supply voltage Supervisor
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
Micropower Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
SUPPLY-VOLTAGE SUPERVISOR
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
Ultralow Power, Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com