Electronic Components Datasheet Search
  English  ▼

X  

TL7700CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CPWR
Description  SUPPLY-VOLTAGE SUPERVISOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7700CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL7700CPWR Datasheet HTML 6Page - Texas Instruments TL7700CPWR Datasheet HTML 7Page - Texas Instruments TL7700CPWR Datasheet HTML 8Page - Texas Instruments TL7700CPWR Datasheet HTML 9Page - Texas Instruments TL7700CPWR Datasheet HTML 10Page - Texas Instruments TL7700CPWR Datasheet HTML 11Page - Texas Instruments TL7700CPWR Datasheet HTML 12Page - Texas Instruments TL7700CPWR Datasheet HTML 13Page - Texas Instruments TL7700CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
VCC
Vs
GND
CT
RESET
RL
R1
R2
Ct
VCC
RESET
GND
SENSE
TL7700
SLVS220F
– JULY 1999 – REVISED AUGUST 2011
www.ti.com
DETAILED DESCRIPTION
Sense-Voltage Setting
The SENSE terminal input voltage, Vs, of the TL7700 typically is 500 mV. By using two external resistors, the
circuit designer can obtain any sense voltage over 500 mV. In Figure 19, the sensing voltage, Vs
', is calculated
as:
Vs' = Vs × (R1 + R2)/R2
Where:
Vs = 500 mV typ at TA = 25°C
At room temperature, Vs has a variation of 500 mV ± 5 mV. In the basic circuit shown in Figure 19, variations of
[
±5 ± (R1 + R2)/R2] mV are superimposed on Vs.
Figure 19.
Sense-Voltage Hysteresis Setting
If the sense voltage (Vs') does not have hysteresis in it, and the voltage on the sensing line contains ripples, the
resetting of TL7700 is unstable. Hysteresis is added to the sense voltage to prevent such problems. As shown in
Figure 20, the hysteresis (Vhys) is added, and the value is determined as:
Vhys = Is × R1
Where:
Is = 2.5 μA typ at TA = 25°C
At room temperature, Is has variations of 2.5 mA
± 0.5 mA. Therefore, in the circuit shown in Figure 19, Vhys has
variations of (
±0.5 × R1) mV. In circuit design, it is necessary to consider the voltage-dividing resistor tolerance
and temperature coefficient in addition to variations in Vs and Vhys.
10
Copyright
© 1999–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com