Electronic Components Datasheet Search
  English  ▼

X  

ADC101S021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101S021
Description  ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC101S021 Datasheet(HTML) 1 Page - Texas Instruments

  ADC101S021 Datasheet HTML 1Page - Texas Instruments ADC101S021 Datasheet HTML 2Page - Texas Instruments ADC101S021 Datasheet HTML 3Page - Texas Instruments ADC101S021 Datasheet HTML 4Page - Texas Instruments ADC101S021 Datasheet HTML 5Page - Texas Instruments ADC101S021 Datasheet HTML 6Page - Texas Instruments ADC101S021 Datasheet HTML 7Page - Texas Instruments ADC101S021 Datasheet HTML 8Page - Texas Instruments ADC101S021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
2
3
4
5
6
VA
CS
GND
SDATA
VIN
SCLK
ADC081S051
ADC081S051
www.ti.com
SNAS309E – APRIL 2005 – REVISED MARCH 2013
ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
Check for Samples: ADC081S051
1
FEATURES
DESCRIPTION
The ADC081S051 is a low-power, single channel
2
•
Specified Over a Range of Sample Rates
CMOS 8-bit analog-to-digital converter with a high-
•
6-lead WSON and SOT-23 Packages
speed
serial
interface.
Unlike
the
conventional
•
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC081S051 is fully specified over a
•
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 200 ksps to 500 ksps. The
•
SPI™/QSPI™/MICROWIRE/DSP Compatible
converter is based on a successive-approximation
register architecture with an internal track-and-hold
KEY SPECIFICATIONS
circuit.
•
DNL: +0.06 / -0.045 LSB (Typ)
The output serial data is straight binary, and is
•
INL: +0.06 / -0.05 LSB (Typ)
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
•
SNR: 49.6 dB (Typ)
serial interfaces.
•
Power Consumption:
The ADC081S051 operates with a single supply that
–
3.6V Supply: 1.6 mW (Typ)
can range from +2.7V to +5.25V. Normal power
–
5.25V Supply: 8.5 mW (Typ)
consumption using a +3.6V or +5.25V supply is 1.6
mW and 8.5 mW, respectively. The power-down
APPLICATIONS
feature reduces the power consumption to as low as
2.6 µW using a +5.25V supply.
•
Portable Systems
The ADC081S051 is packaged in 6-lead WSON and
•
Remote Data Acquisition
SOT-23 packages. Operation over the industrial
•
Instrumentation and Control Systems
temperature range of
−40°C to +85°C is ensured.
Table 1. Pin-Compatible Alternatives by Resolution and Speed(1)
Resolution
Specified for Sample Rate Range of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC121S021
ADC121S051
ADC121S101
10-bit
ADC101S021
ADC101S051
ADC081S101
8-bit
ADC081S021
ADC081S051
ADC081S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
Figure 1. 6-Lead WSON or SOT-23
See NGF0006A or DBV Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC101S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC101S021 NSC-ADC101S021 Datasheet
621Kb / 13P
Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC101S021 TI-ADC101S021 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC101S021 TI-ADC101S021 Datasheet
1Mb / 23P
ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 23P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 24P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Similar Description - ADC101S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com