Electronic Components Datasheet Search
  English  ▼

X  

ADC101S021 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101S021
Description  ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC101S021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC101S021 Datasheet HTML 12Page - Texas Instruments ADC101S021 Datasheet HTML 13Page - Texas Instruments ADC101S021 Datasheet HTML 14Page - Texas Instruments ADC101S021 Datasheet HTML 15Page - Texas Instruments ADC101S021 Datasheet HTML 16Page - Texas Instruments ADC101S021 Datasheet HTML 17Page - Texas Instruments ADC101S021 Datasheet HTML 18Page - Texas Instruments ADC101S021 Datasheet HTML 19Page - Texas Instruments ADC101S021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
VIN
D1
R1
C2
26 pF
VA
D2
C1
4 pF
Conversion Phase - Switch Open
Track Phase - Switch Closed
ADC081S051
SNAS309E – APRIL 2005 – REVISED MARCH 2013
www.ti.com
ANALOG INPUTS
An equivalent circuit of the ADC's input is shown in Figure 22. Diodes D1 and D2 provide ESD protection for the
analog inputs. At no time should the analog input go beyond (VA + 300 mV) or (GND − 300 mV), as these ESD
diodes will begin to conduct, which could result in erratic operation. For this reason, the ESD diodes should not
be used to clamp the input signal.
The capacitor C1 in Figure 22 has a typical value of 4 pF, and is mainly the package pin capacitance. Resistor
R1 is the on resistance of the track / hold switch, and is typically 500
Ω. Capacitor C2 is the ADC sampling
capacitor and is typically 26 pF. The ADC will deliver best performance when driven by a low-impedance source
to eliminate distortion caused by the charging of the sampling capacitance. This is especially important when
using the ADC to sample AC signals. Also important when sampling dynamic signals is an anti-aliasing filter.
Figure 22. Equivalent Input Circuit
DIGITAL INPUTS AND OUTPUTS
The ADC digital inputs (SCLK and CS) are not limited by the same maximum ratings as the analog inputs. The
digital input pins are instead limited to +5.25V with respect to GND, regardless of VA, the supply voltage. This
allows the ADC to be interfaced with a wide range of logic levels, independent of the supply voltage.
MODES OF OPERATION
The ADC has two possible modes of operation: normal mode, and shutdown mode. The ADC enters normal
mode (and a conversion process is begun) when CS is pulled low. The device will enter shutdown mode if CS is
pulled high before the tenth falling edge of SCLK after CS is pulled low, or will stay in normal mode if CS remains
low. Once in shutdown mode, the device will stay there until CS is brought low again. By varying the ratio of time
spent in the normal and shutdown modes, a system may trade-off throughput for power consumption, with a
sample rate as low as zero.
Normal Mode
The fastest possible throughput is obtained by leaving the ADC in normal mode at all times, so there are no
power-up delays. To keep the device in normal mode continuously, CS must be kept low until after the 10th
falling edge of SCLK after the start of a conversion (remember that a conversion is initiated by bringing CS low).
If CS is brought high after the 10th falling edge, but before the 16th falling edge, the device will remain in normal
mode, but the current conversion will be aborted, and SDATA will return to TRI-STATE (truncating the output
word).
Sixteen SCLK cycles are required to read all of a conversion word from the device. After sixteen SCLK cycles
have elapsed, CS may be idled either high or low until the next conversion. If CS is idled low, it must be brought
high again before the start of the next conversion, which begins when CS is again brought low.
After sixteen SCLK cycles, SDATA returns to TRI-STATE. Another conversion may be started, after tQUIET has
elapsed, by bringing CS low again.
Shutdown Mode
Shutdown mode is appropriate for applications that either do not sample continuously, or it is acceptable to trade
throughput for power consumption. When the ADC is in shutdown mode, all of the analog circuitry is turned off.
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC081S051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com