Electronic Components Datasheet Search
  English  ▼

X  

MTB1306 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTB1306
Description  TMOS POWER FET 75 AMPERES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB1306 Datasheet(HTML) 2 Page - Motorola, Inc

  MTB1306 Datasheet HTML 1Page - Motorola, Inc MTB1306 Datasheet HTML 2Page - Motorola, Inc MTB1306 Datasheet HTML 3Page - Motorola, Inc MTB1306 Datasheet HTML 4Page - Motorola, Inc MTB1306 Datasheet HTML 5Page - Motorola, Inc MTB1306 Datasheet HTML 6Page - Motorola, Inc MTB1306 Datasheet HTML 7Page - Motorola, Inc MTB1306 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTB1306
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
V(BR)DSS
30
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
—
—
—
—
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
—
—
100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
VGS(th)
1.0
1.5
2.0
Vdc
Static Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 38 Adc)
(VGS = 5.0 Vdc, ID = 38 Adc)
RDS(on)
—
—
5.8
7.4
6.5
8.5
m
W
Drain–to–Source On–Voltage
(VGS = 10 Vdc, ID = 75 Adc)
(VGS = 10 Vdc, ID = 38 Adc, TJ = 150°C)
VDS(on)
—
—
0.44
—
0.5
0.38
Vdc
Forward Transconductance (VDS = 3.0 Vdc, ID = 20 Adc)
gFS
15
55
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vdc V
0 Vdc
Ciss
—
2560
3584
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
—
1305
1827
Transfer Capacitance
f = 1.0 MHz)
Crss
—
386
772
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
15 Vd
I
75 Ad
td(on)
—
17
35
ns
Rise Time
(VDD = 15 Vdc, ID = 75 Adc,
VGS =5 0Vdc
tr
—
170
340
Turn–Off Delay Time
VGS = 5.0 Vdc,
RG = 4.7 Ω)
td(off)
—
68
136
Fall Time
G
)
tf
—
145
290
Gate Charge
(V
24 Vd
I
75 Ad
QT
—
50
70
nC
(VDS = 24 Vdc, ID = 75 Adc,
Q1
—
8.3
—
( DS
, D
,
VGS = 5.0 Vdc)
Q2
—
25.3
—
Q3
—
17.2
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 20 Adc, VGS = 0 Vdc)
(IS = 20 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
—
—
0.75
0.64
1.1
—
Vdc
Reverse Recovery Time
(I
20 Ad
V
0 Vd
trr
—
84
—
ns
(IS = 20 Adc, VGS = 0 Vdc,
ta
—
35
—
( S
,
GS
,
dIS/dt = 100 A/µs)
tb
—
53
—
Reverse Recovery Stored Charge
QRR
—
0.13
—
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com