Electronic Components Datasheet Search
  English  ▼

X  

MTB1306 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTB1306
Description  TMOS POWER FET 75 AMPERES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB1306 Datasheet(HTML) 3 Page - Motorola, Inc

  MTB1306 Datasheet HTML 1Page - Motorola, Inc MTB1306 Datasheet HTML 2Page - Motorola, Inc MTB1306 Datasheet HTML 3Page - Motorola, Inc MTB1306 Datasheet HTML 4Page - Motorola, Inc MTB1306 Datasheet HTML 5Page - Motorola, Inc MTB1306 Datasheet HTML 6Page - Motorola, Inc MTB1306 Datasheet HTML 7Page - Motorola, Inc MTB1306 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTB1306
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
0.25
0.75
1.25
1.5
2.0
0
75
125
150
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
20
40
80
0
0.001
0.003
0.005
0.007
20
40
90
0.004
0.005
0.006
0.007
0.008
ID, DRAIN CURRENT (AMPS)
Figure 3. On–Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
–50
0
0.5
2.0
10
15
20
25
30
10
100
1000
10,000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
–25
0
25
50
75
100
125
150
TJ = 25°C
VDS ≥ 10 V
TJ = –55°C
TJ = 100°C
TJ = 25°C
50
100
0.5
1.0
1.75
25
VGS = 10 V
0
60
160
180
40
140
20
2.0
2.5
3.0
3.5
4.0
4.5
0.006
0.004
0.002
60
100
140
60
80
100
1.5
VGS = 10 V
ID = 38 A
1.0
5.0
TJ = 125°C
100
°C
0.008
0.009
0.010
0.009
5.0 V
4.0 V
120
100
80
125
°C
25
°C
120
25
°C
–55
°C
30
50
70
150
120
140
130
110
VGS = 5.0 V
10 V
VGS ≥ 10 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com