Electronic Components Datasheet Search
  English  ▼

X  

ADC122S021 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADC122S021
Description  ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC122S021 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC122S021 Datasheet HTML 13Page - Texas Instruments ADC122S021 Datasheet HTML 14Page - Texas Instruments ADC122S021 Datasheet HTML 15Page - Texas Instruments ADC122S021 Datasheet HTML 16Page - Texas Instruments ADC122S021 Datasheet HTML 17Page - Texas Instruments ADC122S021 Datasheet HTML 18Page - Texas Instruments ADC122S021 Datasheet HTML 19Page - Texas Instruments ADC122S021 Datasheet HTML 20Page - Texas Instruments ADC122S021 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ADC102S021
www.ti.com
SNAS281G – FEBRUARY 2005 – REVISED MARCH 2013
During the first 3 cycles of SCLK, the ADC is in the track mode, acquiring the input voltage. For the next 13
SCLK cycles the conversion is accomplished and the data is clocked out, MSB first, starting at the 5th clock. If
there is more than one conversion in a frame, the ADC will re-enter the track mode on the falling edge of SCLK
after the N*16th rising edge of SCLK, and re-enter the hold/convert mode on the N*16+4th falling edge of SCLK,
where "N" is an integer.
When CS is brought high, SCLK is internally gated off. If SCLK is stopped in the low state while CS is high, the
subsequent fall of CS will generate a falling edge of the internal version of SCLK, putting the ADC into the track
mode. This is seen by the ADC as the first falling edge of SCLK. If SCLK is stopped with SCLK high, the ADC
enters the track mode on the first falling edge of SCLK after the falling edge of CS.
During each conversion, data is clocked into the ADC at DIN on the first 8 rising edges of SCLK after the fall of
CS. For each conversion, it is necessary to clock in the data indicating the input that is selected for the
conversion after the current one. See Table 3, Table 4, and Table 5.
If CS and SCLK go low within the times defined by tCSU and tCLH, the rising edge of SCLK that begins clocking
data in at DIN may be one clock cycle later than expected. It is, therefore, best to strictly observe the minimum
tCSU and TCLH times given in the Timing Specifications.
There are no power-up delays or dummy conversions required with the ADC102S021. The ADC is able to
sample and convert an input to full conversion immediately following power up. The first conversion result after
power-up will be that of IN1.
Table 3. Control Register Bits
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DONTC
DONTC
ADD2
ADD1
ADD0
DONTC
DONTC
DONTC
Table 4. Control Register Bit Descriptions
Bit #:
Symbol:
Description
7 - 6, 2 - 0
DONTC
Don't care. The value of these bits do not affect the device.
3
ADD0
These bits determine which input channel will be sampled and converted in the next track/hold
cycle. The mapping between codes and channels is shown in Table 5.
4
ADD1
5
ADD2
Table 5. Input Channel Selection
ADD2
ADD1
ADD0
Input Channel
x
0
0
IN1 (Default)
x
0
1
IN2
x
1
x
Not allowed. The output signal at the DOUT pin is indeterminate if ADD1 is high.
ADC102S021 TRANSFER FUNCTION
The output format of the ADC102S021 is straight binary. Code transitions occur midway between successive
integer LSB values. The LSB width for the ADC102S021 is VA/1024. The ideal transfer characteristic is shown in
Figure 49. The transition from an output code of 00 0000 0000 to a code of 00 0000 0001 is at 1/2 LSB, or a
voltage of VA/2048. Other code transitions occur at steps of one LSB.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADC102S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com