Electronic Components Datasheet Search
  English  ▼

X  

ADC124S021 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC124S021
Description  ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC124S021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC124S021 Datasheet HTML 9Page - Texas Instruments ADC124S021 Datasheet HTML 10Page - Texas Instruments ADC124S021 Datasheet HTML 11Page - Texas Instruments ADC124S021 Datasheet HTML 12Page - Texas Instruments ADC124S021 Datasheet HTML 13Page - Texas Instruments ADC124S021 Datasheet HTML 14Page - Texas Instruments ADC124S021 Datasheet HTML 15Page - Texas Instruments ADC124S021 Datasheet HTML 16Page - Texas Instruments ADC124S021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ADC104S101
www.ti.com
SNAS284F – FEBRUARY 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 500 ksps to 1 Msps, fSCLK = 8 MHz to 16 MHz, fIN = 40.3 kHz unless otherwise stated.
SNR vs. Input Frequency
THD vs. Input Frequency
Figure 24.
Figure 25.
SNR vs. Temperature
THD vs. Temperature
Figure 26.
Figure 27.
SFDR vs. Supply
SINAD vs. Supply
Figure 28.
Figure 29.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC104S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com