Electronic Components Datasheet Search
  English  ▼

X  

ADC124S021 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADC124S021
Description  ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC124S021 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC124S021 Datasheet HTML 15Page - Texas Instruments ADC124S021 Datasheet HTML 16Page - Texas Instruments ADC124S021 Datasheet HTML 17Page - Texas Instruments ADC124S021 Datasheet HTML 18Page - Texas Instruments ADC124S021 Datasheet HTML 19Page - Texas Instruments ADC124S021 Datasheet HTML 20Page - Texas Instruments ADC124S021 Datasheet HTML 21Page - Texas Instruments ADC124S021 Datasheet HTML 22Page - Texas Instruments ADC124S021 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
IN1
IN2
MICROPROCESSOR
DSP
SCLK
CS
DIN
DOUT
GND
VA
ADC104S101
LP2950
5V
1 PF
TANT
0.1 PF
0.1 PF
1 PF
IN3
IN4
|
0V
+VA - 1.5LSB
0.5LSB
ANALOG INPUT
1LSB = VA/1024
111...111
111...110
111...000
011...111
000...010
000...001
000...000
ADC104S101
www.ti.com
SNAS284F – FEBRUARY 2005 – REVISED MARCH 2013
ADC104S101 TRANSFER FUNCTION
The output format of the ADC104S101 is straight binary. Code transitions occur midway between successive
integer LSB values. The LSB width for the ADC104S101 is VA/1024. The ideal transfer characteristic is shown in
Figure 50. The transition from an output code of 00 0000 0000 to a code of 00 0000 0001 is at 1/2 LSB, or a
voltage of VA/2048. Other code transitions occur at steps of one LSB.
Figure 50. Ideal Transfer Characteristic
TYPICAL APPLICATION CIRCUIT
A typical application of the ADC104S101 is shown in Figure 51. Power is provided in this example by the Texas
Instruments LP2950 low-dropout voltage regulator, available in a variety of fixed and adjustable output voltages.
The power supply pin is bypassed with a capacitor network located close to the ADC104S101.
Because the reference for the ADC104S101 is the supply voltage, any noise on the supply will degrade device
noise performance. To keep noise off the supply, use a dedicated linear regulator for this device, or provide
sufficient decoupling from other circuitry to keep noise off the ADC104S101 supply pin. Because of the
ADC104S101's low power requirements, it is also possible to use a precision reference as a power supply to
maximize performance. The four-wire interface is also shown connected to a microprocessor or DSP.
Figure 51. Typical Application Circuit
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADC104S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com