Electronic Components Datasheet Search
  English  ▼

X  

ADS7817EB Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS7817EB
Description  12-Bit Differential Input Micro Power Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7817EB Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7817EB Datasheet HTML 9Page - Texas Instruments ADS7817EB Datasheet HTML 10Page - Texas Instruments ADS7817EB Datasheet HTML 11Page - Texas Instruments ADS7817EB Datasheet HTML 12Page - Texas Instruments ADS7817EB Datasheet HTML 13Page - Texas Instruments ADS7817EB Datasheet HTML 14Page - Texas Instruments ADS7817EB Datasheet HTML 15Page - Texas Instruments ADS7817EB Datasheet HTML 16Page - Texas Instruments ADS7817EB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ADS7817
13
SBAS066A
APPLICATION CIRCUITS
Figures 9, 10 and 11 show some typical applications circuits
for the ADS7817. Figure 9 shows a low cost, low power
circuit for basic data acquisition. Total power dissipation in
the ADS7817 and reference circuitry is under 5mW over
temperature, power supply variations, and at a 200kHz sample
rate.
Figure 10 is a motor control application using three ISO130s
to isolate the motor from the sensing system (three ADS7817s
and a DSP56004). The ISO130 provides 10kV/
µs (minimum)
isolation-mode rejection, 85kHz large signal bandwidth, and
a fixed gain of 8. The ADS7817’s reference voltage is 1.2V
and is derived from a REF1004-1.2. This gives the converter
a full-scale input range of
±1.2V. Because of the gain of 8 in
the ISO130, the current sense resistor should give a worst-
case output voltage of less than
±150mV.
Figure 11 is a similar application that isolates the digital
outputs of the three ADS7817s instead of the analog signal
from the motor. Here, the reference voltage for the ADS7817
is 150mV, and the analog input of each ADS7817 is con-
nected directly to the current sense resistor. By removing the
ISO130 from the signal path, a greater signal-to-noise ratio is
achieved in the sensing system. However, nine optical isola-
tors are needed to isolate the A/D converters.
FIGURE 9. Low Cost, Low Power Data Acquisition System.
ADS7817
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
–In
GND
+
+
5
Ω to 10Ω
22
Ω
24.9k
Ω
REF1004-2.5
1µF to
10µF
1µF to
10µF
0.1µF
4.7µF
+
Microcontroller
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com