Electronic Components Datasheet Search
  English  ▼

X  

ADS7817EB Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7817EB
Description  12-Bit Differential Input Micro Power Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7817EB Datasheet(HTML) 2 Page - Texas Instruments

  ADS7817EB Datasheet HTML 1Page - Texas Instruments ADS7817EB Datasheet HTML 2Page - Texas Instruments ADS7817EB Datasheet HTML 3Page - Texas Instruments ADS7817EB Datasheet HTML 4Page - Texas Instruments ADS7817EB Datasheet HTML 5Page - Texas Instruments ADS7817EB Datasheet HTML 6Page - Texas Instruments ADS7817EB Datasheet HTML 7Page - Texas Instruments ADS7817EB Datasheet HTML 8Page - Texas Instruments ADS7817EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADS7817
2
SBAS066A
ABSOLUTE MAXIMUM RATINGS(1)
+VCC ..................................................................................................... +6V
Analog Input ........................................................... –0.3V to (+VCC + 0.3V)
Logic Input ............................................................. –0.3V to (+VCC + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +125
°C
External Reference Voltage .............................................................. +5.5V
NOTE: (1) Stresses above these ratings may permanently damage the device.
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1VREF
Reference Input.
2
+In
Non Inverting Input.
3
–In
Inverting Input.
4
GND
Ground.
5
CS/SHDN
Chip Select when LOW, Shutdown Mode when HIGH.
6DOUT
The serial output data word is comprised of 12 bits of data. In operation the data is valid on the falling edge of DCLOCK. The
second clock pulse after the falling edge of CS enables the serial output. After one null bit the data is valid for the next 12 edges.
7
DCLOCK
Data Clock synchronizes the serial data transfer and determines conversion speed.
8+VCC
Power Supply.
1
2
3
4
8
7
6
5
+V
CC
DCLOCK
D
OUT
CS/SHDN
V
REF
+In
–In
GND
ADS7817
PDIP-8,
SOIC-8,
MSOP-8
PACKAGE/ORDERING INFORMATION
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
LINEARITY
LINEARITY
PACKAGE
SPECIFICATION
ERROR
ERROR
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
NUMBER(1)
RANGE
MARKING(2)
NUMBER(3)
MEDIA
ADS7817P
±2
±2
DIP-8
006
–40
°C to +85°C
ADS7817P
ADS7817P
Rails
ADS7817U
±2
±2
SO-8
182
–40
°C to +85°C
ADS7817U
ADS7817U
"
ADS7817U
""
"
"
"
"
ADS7817U/2K5
Tape and Reel
ADS7817E
±2
±2
MSOP-8
337
–40
°C to +85°C
A17
ADS7817E
Rails
ADS7817E
""
"
"
"
"
ADS7817E/250
Tape and Reel
ADS7817E
""
"
"
"
"
ADS7817E/2K5
"
ADS7817PB
±2
±1
Plastic DIP-8
006
–40
°C to +85°C
ADS7817PB
ADS7817PB
Rails
ADS7817UB
±2
±1
SO-8
182
–40
°C to +85°C
ADS7817UB
ADS7817UB
"
ADS7817UB
""
"
"
"
"
ADS7817UB/2K5 Tape and Reel
ADS7817EB
±2
±1
MSOP
337
–40
°C to +85°C
A17
ADS7817EB
Rails
ADS7817EB
""
"
"
"
"
ADS7817EB/250
Tape and Reel
ADS7817EB
""
"
"
"
"
ADS7817EB/2K5
"
ADS7817PC
±1
±0.75
DIP-8
006
–40
°C to +85°C
ADS7817PC
ADS7817PC
Rails
ADS7817UC
±1
±0.75
SO-8
182
–40
°C to +85°C
ADS7817UC
ADS7817UC
"
ADS7817UC
""
"
"
"
"
ADS7817UC/2K5 Tape and Reel
ADS7817EC
±1
±0.75
MSOP-8
337
–40
°C to +85°C
A17
ADS7817EC
Rails
ADS7817EC
""
"
"
"
"
ADS7817EC/250
Tape and Reel
ADS7817EC
""
"
"
"
"
ADS7817EC/2K5
"
NOTE: (1) For detail drawing and dimension table, please see end of data sheet or Package Drawing File on Web. (2) Performance Grade information is marked
on the reel. (3) Models with a slash(/) are available only in Tape and reel in quantities indicated (e.g. /250 indicates 250 units per reel, /2K5 indicates 2500 devices
per reel). Ordering 2500 pieces of ”ADS7817E/2K5“ will get a single 2500-piece Tape and Reel.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com