Electronic Components Datasheet Search
  English  ▼

X  

ADS7891 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891
Description  16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7891 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7891 Datasheet HTML 9Page - Texas Instruments ADS7891 Datasheet HTML 10Page - Texas Instruments ADS7891 Datasheet HTML 11Page - Texas Instruments ADS7891 Datasheet HTML 12Page - Texas Instruments ADS7891 Datasheet HTML 13Page - Texas Instruments ADS7891 Datasheet HTML 14Page - Texas Instruments ADS7891 Datasheet HTML 15Page - Texas Instruments ADS7891 Datasheet HTML 16Page - Texas Instruments ADS7891 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TA − Free-Air Temperature − 5C
90.3
90.4
90.5
90.6
90.7
90.8
90.9
−40 −25 −10
5
20
35
50
65
80
fi = 50 kHz,
Full Scale Input,
VA = 5 V,
VBD = 3 V,
Internal Reference = 4.096 V
0
10000
20000
30000
40000
50000
60000
70000
80000
+VA = 5 V,
+VBD = 3.3 V,
TA = 25°C,
Code = 65292
TA − Free-Air Temperature − 5C
89
89.5
90
90.5
91
−40 −25 −10
5
20
35
50
65
80
fi = 50 kHz,
Full Scale Input,
VA = 5 V,
VBD = 3 V,
Internal Reference = 4.096 V
TA − Free-Air Temperature − 5C
14.4
14.5
14.6
14.7
14.8
−40 −25 −10
5
20
35
50
65
80
fi = 50 kHz,
Full Scale Input,
VA = 5 V,
VBD = 3 V,
Internal Reference = 4.096 V
ADS8406
SLAS426A – AUGUST 2004 – REVISED DECEMBER 2004
At –40
°C to 85°C, +VA = 5 V, +VBD = 5 V, REFIN = 4.096 V (internal reference used) and f
sample = 1.25 MHz
(unless otherwise noted)
SIGNAL-TO-NOISE RATIO
HISTOGRAM (DC Code Spread)
vs
HALF SCALE 131071 CONVERSIONS
FREE-AIR TEMPERATURE
Figure 6.
Figure 7.
SIGNAL-TO-NOISE AND DISTORTION
EFFECTIVE NUMBER OF BITS
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 8.
Figure 9.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com