Electronic Components Datasheet Search
  English  ▼

X  

ADS7891 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891
Description  16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7891 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS7891 Datasheet HTML 12Page - Texas Instruments ADS7891 Datasheet HTML 13Page - Texas Instruments ADS7891 Datasheet HTML 14Page - Texas Instruments ADS7891 Datasheet HTML 15Page - Texas Instruments ADS7891 Datasheet HTML 16Page - Texas Instruments ADS7891 Datasheet HTML 17Page - Texas Instruments ADS7891 Datasheet HTML 18Page - Texas Instruments ADS7891 Datasheet HTML 19Page - Texas Instruments ADS7891 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
−40 −25 −10
5
20
35
50
65
80
External Reference = 4.096 V,
VBD = 5 V,
VA = 5 V
TA − Free-Air Temperature − 5C
28.8
29
29.2
29.4
29.6
29.8
30
30.2
30.4
−40 −25 −10
5
20
35
50
65
80
TA − Free-Air Temperature − 5C
External Reference = 4.096 V,
Current of +VA Only,
VBD = 5 V,
VA = 5 V
TA − Free-Air Temperature − 5C
−1.5
−1
−0.5
0
0.5
1
1.5
−40 −25 −10
5
20
35
50
65
80
Max
Min
External Reference = 4.096 V,
VBD = 5 V,
VA = 5 V
TA − Free-Air Temperature − 5C
−1.5
−1
−0.5
0
0.5
1
1.5
−40 −25 −10
5
20
35
50
65
80
Max
Min
External Reference = 4.096 V,
VBD = 5 V,
VA = 5 V
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
VREF − Reference Voltage − V
TA = 25°C,
VA = 5 V,
VBD = 5 V
Max
Min
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
Max
Min
VREF − Reference Voltage − V
TA = 25°C,
VA = 5 V,
VBD = 5 V
ADS8406
SLAS426A – AUGUST 2004 – REVISED DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
OFFSET ERROR
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 22.
Figure 23.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 24.
Figure 25.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 26.
Figure 27.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com