Electronic Components Datasheet Search
  English  ▼

X  

CC1050/R Datasheet(PDF) 35 Page - Texas Instruments

Part # CC1050/R
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/R Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC1050/R Datasheet HTML 31Page - Texas Instruments CC1050/R Datasheet HTML 32Page - Texas Instruments CC1050/R Datasheet HTML 33Page - Texas Instruments CC1050/R Datasheet HTML 34Page - Texas Instruments CC1050/R Datasheet HTML 35Page - Texas Instruments CC1050/R Datasheet HTML 36Page - Texas Instruments CC1050/R Datasheet HTML 37Page - Texas Instruments CC1050/R Datasheet HTML 38Page - Texas Instruments CC1050/R Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
CC1050
SWRS044
Page 35 of 40
MODEM0 Register (11h)
REGISTER
NAME
Default
value
Active
Description
MODEM0[7]
-
-
-
Not used
MODEM0[6:4]
BAUDRATE[2:0]
010
-
000 : 0.6 kBaud
001 : 1.2 kBaud
010 : 2.4 kBaud
011 : 4.8 kBaud
100 : 9.6 kBaud
101 : 19.2 kBaud
110 : 38.4 kBaud
111 : 76.8 kBaud
MODEM0[3:2]
DATA_FORMAT[1:0]
01
-
00 : NRZ operation.
01 : Manchester operation
10 : Transparent Asyncronous UART operation
11 : Not used
MODEM0[1:0]
XOSC_FREQ[1:0]
00
-
Selection of XTAL frequency range
00 : 3MHz - 4MHz crystal, 3.6864MHz
recommended
01 : 6MHz - 8MHz crystal, 7.3728MHz
recommended
10 : 9MHz - 12MHz crystal, 11.0592 MHz
recommended
11 : 12MHz - 16MHz crystal, 14.7456MHz
recommended
FSCTRL Register (13h)
REGISTER
NAME
Default
value
Active
Description
FSCTRL[7:4]
-
-
-
Not used
FSCTRL[3:1]
Reserved
FSCTRL[0]
FS_RESET_N
1
L
Separate reset of frequency synthesizer
PRESCALER Register (1Ch)
REGISTER
NAME
Default
value
Active
Description
PRESCALER[7:6]
PRE_SWING[1:0]
00
-
Prescaler swing. Fractions for
PRE_CURRENT[1:0] = 00
00 : 1
* Nominal Swing
01 : 2/3 * Nominal Swing
10 : 7/3 * Nominal Swing
11 : 5/3 * Nominal Swing
PRESCALER[5:4]
PRE_CURRENT
[1:0]
00
-
Prescaler current scaling
00 : 1
* Nominal Current
01 : 2/3 * Nominal Current
10 : 1/2 * Nominal Current
11 : 2/5 * Nominal Current
PRESCALER[3]
BYPASS_R
0
H
Bypass the resistor in the PLL loop filter
0 : Not bypassed
1 : Bypassed
PRESCALER[2]
DISCONNECT_C
0
-
Disconnect the capacitor in the PLL loop filter
0 : Capacitor connected
1 : Capacitor disconnected. Use for data rate
38.4 and 76.8 kBaud only.
PRESCALER[1:0]
-
-
-
Not used
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com