Electronic Components Datasheet Search
  English  ▼

X  

CC1050/R Datasheet(PDF) 17 Page - Texas Instruments

Part # CC1050/R
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/R Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC1050/R Datasheet HTML 13Page - Texas Instruments CC1050/R Datasheet HTML 14Page - Texas Instruments CC1050/R Datasheet HTML 15Page - Texas Instruments CC1050/R Datasheet HTML 16Page - Texas Instruments CC1050/R Datasheet HTML 17Page - Texas Instruments CC1050/R Datasheet HTML 18Page - Texas Instruments CC1050/R Datasheet HTML 19Page - Texas Instruments CC1050/R Datasheet HTML 20Page - Texas Instruments CC1050/R Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
CC1050
SWRS044
Page 17 of 40
Frequency programming
The operation frequency is set by
programming the frequency word in the
configuration registers. There are two
frequency words registers, termed A and
B, which can be programmed to two
different frequencies in order to switch fast
between
two
different
channels.
Frequency word A or B is selected by the
F_REG bit in the MAIN register.
The frequency word is 24 bits (3 bytes)
located in FREQ_2A:FREQ_1A:FREQ_0A
and FREQ_2B:FREQ_1B:FREQ_0B for
the A and B word respectively.
The FSK
frequency separation is
programmed
in
the
FSEP1:FSEP0
registers (11 bits).
The frequency word FREQ is calculated
by:
16384
8192
+
⋅
=
FREQ
f
f
ref
VCO
where the reference frequency is the
crystal oscillator clock divided by REFDIV
(4 bits in the PLL register), a number
between 2 and 15:
REFDIV
f
f
xosc
ref =
The equation above gives the VCO
frequency, that is, fVCO is the f0 frequency
for transmit mode (lower FSK frequency).
The upper FSK frequency is given by:
f1 = f0 + fsep
where fsep is set by the separation word:
16384
FSEP
f
f
ref
sep
⋅
=
VCO
Only one external inductor (L1) is required
for the VCO. The inductor will determine
the operating frequency range of the
circuit. It is important to place the inductor
as close to the pins as possible in order to
reduce
stray
inductance.
It
is
recommended to use a high Q, low
tolerance inductor for best performance.
Typical tuning range for the integrated
varactor is 20-25%.
Component values for various frequencies
are given in Table 1. Component values
for other frequencies can be found using
the SmartRF
® Studio software.
VCO and PLL self-calibration
To
compensate
for
supply
voltage,
temperature and process variations the
VCO and PLL must be calibrated. The
calibration is done automatically and sets
maximum VCO tuning range and optimum
charge pump current for PLL stability.
After setting up the device at the operating
frequency, the self-calibration can be
initiated by setting the CAL_START bit.
The calibration result is stored internally in
the chip, and is valid as long as power is
not turned off. If large supply voltage
variations
(more
than
0.5
V)
or
temperature variations (more than 40
degrees) occur after calibration, a new
calibration should be performed.
The self-calibration is controlled through
the
CAL
register
(see
configuration
registers
description
p.
30).
The
CAL_COMPLETE bit indicates complete
calibration. The user can poll this bit, or
simply wait for 26 ms (calibration wait time
when CAL_WAIT = 1). The wait time is
proportional to the internal PLL reference
frequency. The lowest permitted reference
frequency (1 MHz) gives 26 ms wait time,
which is therefore the worst case.
Reference
frequency [MHz]
Calibration time
[ms]
2.4
11
2.0
13
1.5
18
1.0
26
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com