Electronic Components Datasheet Search
  English  ▼

X  

LMC662CM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMC662CM
Description  LMC662 CMOS Dual Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC662CM Datasheet(HTML) 5 Page - Texas Instruments

  LMC662CM Datasheet HTML 1Page - Texas Instruments LMC662CM Datasheet HTML 2Page - Texas Instruments LMC662CM Datasheet HTML 3Page - Texas Instruments LMC662CM Datasheet HTML 4Page - Texas Instruments LMC662CM Datasheet HTML 5Page - Texas Instruments LMC662CM Datasheet HTML 6Page - Texas Instruments LMC662CM Datasheet HTML 7Page - Texas Instruments LMC662CM Datasheet HTML 8Page - Texas Instruments LMC662CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LMC662
www.ti.com
SNOSC51C – APRIL 1998 – REVISED MARCH 2013
Typical Performance Characteristics
VS = ±7.5V, TA = 25°C unless otherwise specified
Supply Current
vs.
Supply Voltage
Offset Voltage
Figure 3.
Figure 4.
Input Bias Current
Output Characteristics Current Sinking
Figure 5.
Figure 6.
Input Voltage Noise
vs.
Output Characteristics Current Sourcing
Frequency
Figure 7.
Figure 8.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com