Electronic Components Datasheet Search
  English  ▼

X  

MAX1124 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1124
Description  1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1124 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1124 Datasheet HTML 9Page - Maxim Integrated Products MAX1124 Datasheet HTML 10Page - Maxim Integrated Products MAX1124 Datasheet HTML 11Page - Maxim Integrated Products MAX1124 Datasheet HTML 12Page - Maxim Integrated Products MAX1124 Datasheet HTML 13Page - Maxim Integrated Products MAX1124 Datasheet HTML 14Page - Maxim Integrated Products MAX1124 Datasheet HTML 15Page - Maxim Integrated Products MAX1124 Datasheet HTML 16Page - Maxim Integrated Products MAX1124 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
1.8V, Low-Power, 12-Bit, 250Msps
ADC for Broadband Applications
______________________________________________________________________________________
13
System Timing Requirements
Figure 5 depicts the relationship between the clock
input and output, analog input, sampling event, and
data output. The MAX1215N samples on the rising
(falling) edge of CLKP (CLKN). Output data is valid on
the next rising (falling) edge of the DCLKP (DCLKN)
clock, but has an internal latency of 11 clock cycles.
Digital Outputs (D0P/N–D11P/N, DCLKP/N,
ORP/N) and Control Input
T/B
Digital outputs D0P/N–D11P/N, DCLKP/N, and ORP/N
are LVDS compatible, and data on D0P/N–D11P/N is
presented in either binary or two’s-complement format
(Table 1). The
T/B control line is an LVCMOS-compati-
ble input, which allows the user to select the desired
output format. Pulling
T/B low outputs data in two’s
complement, and pulling it high presents data in offset
binary format on the 12-bit parallel bus.
T/B has an
internal pulldown resistor and may be left unconnected
in applications using only two’s-complement output for-
mat. All LVDS outputs provide a typical 360mV voltage
swing around a 1.24V common-mode voltage, and must
be terminated at the far end of each transmission line pair
(true and complementary) with 100Ω. Apply a 1.7V to
1.9V voltage supply at OVCC to power the LVDS outputs.
The MAX1215N offers an additional differential output
pair (ORP, ORN) to flag out-of-range conditions, where
out-of-range is above positive or below negative full
scale. An out-of-range condition is identified with ORP
(ORN) transitioning high (low).
Note: Although a differential LVDS output architecture
reduces single-ended transients to the supply and
ground planes, capacitive loading on the digital out-
puts should still be kept as low as possible. Using
LVDS buffers on the digital outputs of the ADC when
driving larger loads may improve overall performance
and reduce system-timing constraints.
INP
INN
SAMPLING EVENT
SAMPLING EVENT
SAMPLING EVENT
SAMPLING EVENT
SAMPLING EVENT
CLKN
CLKP
DCLKN
DCLKP
D0P/D0N–
D11P/D11N
ORP/N
N
N-11
N-10
N - 1
N + 1
N
N
N - 1
N - 9
N - 10
N - 11
N + 1
N + 1
N + 11
N + 10
N + 12
tAD
tPDL
tLATENCY
tCPDL
tCPDL - tPDL~ 0.4 x tSAMPLE WITH tSAMPLE = 1 / fSAMPLE
NOTE: THE ADC SAMPLES ON THE RISING EDGE OF CLKP. THE RISING EDGE OF DCLKP CAN BE USED TO EXTERNALLY LATCH THE OUTPUT DATA.
tCH
tCL
Figure 5. System and Output Timing Diagram
2.89kΩ
AVDD
AGND
CLKN
CLKP
5.35kΩ
5.35kΩ
5.35kΩ
Figure 4. Simplified Clock Input Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com